Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTW33N10E Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTW33N10E
Description  TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTW33N10E Datasheet(HTML) 1 Page - Motorola, Inc

  MTW33N10E Datasheet HTML 1Page - Motorola, Inc MTW33N10E Datasheet HTML 2Page - Motorola, Inc MTW33N10E Datasheet HTML 3Page - Motorola, Inc MTW33N10E Datasheet HTML 4Page - Motorola, Inc MTW33N10E Datasheet HTML 5Page - Motorola, Inc MTW33N10E Datasheet HTML 6Page - Motorola, Inc MTW33N10E Datasheet HTML 7Page - Motorola, Inc MTW33N10E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
MOTOROLA
1
MTW33N10E
1
1
MTW33N10E
MOTOROLA
Designer's™ Data Sheet
TMOS EFET.
Power Field Effect Transistor
TO247 with Isolated Mounting Hole
N-Channel Enhancement-Mode Silicon Gate
This advanced TMOS E-FET is designed to withstand high
energy in the avalanche and commutation modes. The new energy
efficient design also offers a drain-to-source diode with a fast
recovery time. Designed for low voltage, high speed switching
applications in power supplies, converters and PWM motor
controls, these devices are particularly well suited for bridge circuits
where diode speed and commutating safe operating areas are
critical and offer additional safety margin against unexpected
voltage transients.
• Avalanche Energy Specified
• Source-to-Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
• Isolated Mounting Hole Reduces Mounting Hardware
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
Vdc
Drain-Gate Voltage (RGS = 1.0 MΩ)
VDGR
100
Vdc
Gate-Source Voltage — Continuous
Gate-Source Voltage — Non-Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 40
Vdc
Vpk
Drain Current — Continuous @ 25
°C
— Continuous @ 100
°C
— Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
33
20
99
Adc
Apk
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
125
1.0
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain-to-Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, IL = 33 Apk, L = 1.000 mH, RG = 25 Ω)
EAS
545
mJ
Thermal Resistance — Junction to Case
— Junction to Ambient
R
θJC
R
θJA
1.0
40
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 5 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E-FET and Designer’s are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MTW33N10E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1994
3/94
MTW33N10E
TMOS POWER FET
33 AMPERES
100 VOLTS
RDS(on) = 0.06 OHM
CASE 340F, Style 1
TO-247AE
®
Motorola Preferred Device
D
S
G
N-Channel


Similar Part No. - MTW33N10E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MTW30-51212 TDK-MTW30-51212 Datasheet
294Kb / 2P
   15W to 60W Low Profi le Triple Output Power Supplies
MTW30-51212 TDK-MTW30-51212 Datasheet
149Kb / 2P
   AC-DC Power Supplies
MTW30-51212-V TDK-MTW30-51212-V Datasheet
149Kb / 2P
   AC-DC Power Supplies
MTW30-51515 TDK-MTW30-51515 Datasheet
294Kb / 2P
   15W to 60W Low Profi le Triple Output Power Supplies
MTW30-51515 TDK-MTW30-51515 Datasheet
149Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - MTW33N10E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP33N10E MOTOROLA-MTP33N10E Datasheet
240Kb / 8P
   TMOS POWER FET 33 AMPERES 100 VOLTS RDS(on) = 0.06 OHM
MTY100N10E MOTOROLA-MTY100N10E Datasheet
216Kb / 8P
   TMOS POWER FET 100 AMPERES 100 VOLTS RDS(on) = 0.011 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD9N10E MOTOROLA-MTD9N10E Datasheet
257Kb / 10P
   TMOS POWER FET 9.0 AMPERES 100 VOLTS RDS(on) = 0.25 OHM
MTP12P10 MOTOROLA-MTP12P10 Datasheet
190Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
MTP40N10E MOTOROLA-MTP40N10E Datasheet
160Kb / 8P
   TMOS POWER FET 40 AMPERES 100 VOLTS RDS(on) = 0.04 OHM
MTW45N10E MOTOROLA-MTW45N10E Datasheet
155Kb / 8P
   TMOS POWER FET 45 AMPERES 100 VOLTS RDS(on) = 0.035 OHM
MTP27N10E MOTOROLA-MTP27N10E Datasheet
230Kb / 8P
   TMOS POWER FET 27 AMPERES 100 VOLTS RDS(on) = 0.07 OHM
MTP12N10E MOTOROLA-MTP12N10E Datasheet
239Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.16 OHM
MTE215N10E MOTOROLA-MTE215N10E Datasheet
226Kb / 8P
   TMOS POWER FET 215 AMPERES 100 VOLTS RDS(on) = 0.0055 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com