Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1615CDR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1615CDR2G
Description  High Voltage High Efficiency Power Factor Correction Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1615CDR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1615CDR2G Datasheet HTML 7Page - ON Semiconductor NCP1615CDR2G Datasheet HTML 8Page - ON Semiconductor NCP1615CDR2G Datasheet HTML 9Page - ON Semiconductor NCP1615CDR2G Datasheet HTML 10Page - ON Semiconductor NCP1615CDR2G Datasheet HTML 11Page - ON Semiconductor NCP1615CDR2G Datasheet HTML 12Page - ON Semiconductor NCP1615CDR2G Datasheet HTML 13Page - ON Semiconductor NCP1615CDR2G Datasheet HTML 14Page - ON Semiconductor NCP1615CDR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
NCP1615
http://onsemi.com
11
Table 4. ELECTRICAL CHARACTERISTICS (VCC = 15 V, VHV = 120 V, VFB = 2.4 V, RHVFB = 200 kW, VHVFB = 20 V, CVControl =
10 nF, VFFcontrol = 2.6 V, VZCD/CS = 0 V, RZCD/CS = 3 kW, VFOVPBUV = 2.4 V, VSTDBY = 1 V, VRestart = 1 V, VPSTimer = 0 V, VFault = open,
VPFCOK = open, CDRV = 1 nF, for typical values TJ = 25°C, for min/max values, TJ is −40°C to 125°C, unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Conditions
RESTART
Restart Threshold Ratio
VRestart/VREF
Krestart
97.5
98.0
98.5
%
Restart Threshold
Vrestart
2.45
V
Restart Input Pull Down Current
VRestart = VUVP3
Irestart(bias)
50
200
450
nA
Open Pin Detection Threshold
VUVP3
0.2
0.3
0.4
V
Open Pin Detection Hysteresis
VUVP3(HYS)
10
mV
FAULT INPUT
Overvoltage Protection (OVP) Threshold
VFault increasing
VFault(OVP)
2.79
3.00
3.21
V
Delay Before Fault Confirmation
Used for OVP Detection
Used for OTP Detection
VFault increasing
VFault decreasing
tdelay(OVP)
tdelay(OTP)
22.5
22.5
30.0
30.0
37.5
37.5
ms
Overtemperature Protection (OTP) Threshold
VFault decreasing
VFault(OTP_in)
0.38
0.40
0.42
V
OTP Exiting Threshold (B/D Versions)
VFault increasing
VFault(OTP_out) 0.874
0.920
0.966
V
OTP Blanking Delay During Start−Up
tblank(OTP)
4
5
6
ms
OTP Pull−Up Current Source
VFault = VFault(OTP_in) + 0.2 V
IFault(OTP)
43
46
49
mA
Fault Input Clamp Voltage
VFault = open
VFault(clamp)
1.15
1.7
2.25
V
Fault Input Clamp Series Resistor
RFault(clamp)
1.32
1.55
1.78
kW
PFCOK SIGNAL
PFCOK Output Voltage
IPFCOK = −5 mA
VPFCOK
4.75
5.00
5.25
V
PFCOK Low State Output Voltage
IPFCOK = 5 mA
VPFCOK(low)
250
mV
THERMAL SHUTDOWN
Thermal Shutdown
Temperature increasing
TSHDN
150
°C
Thermal Shutdown Hysteresis
Temperature decreasing
TSHDN(HYS)
50
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP1615CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1615CDR2G ONSEMI-NCP1615CDR2G Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
More results

Similar Description - NCP1615CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
NCP1615 ONSEMI-NCP1615_16 Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
logo
SHENZHEN FUMAN ELECTRON...
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
ON Semiconductor
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
logo
Bellnix Co.,Ltd.
BPF BELLNIX-BPF Datasheet
666Kb / 10P
   Compact and high efficiency power factor correction unit
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com