Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1615 Datasheet(PDF) 22 Page - ON Semiconductor

Part # NCP1615
Description  High Voltage High Efficiency Power Factor Correction Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1615 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button NCP1615 Datasheet HTML 18Page - ON Semiconductor NCP1615 Datasheet HTML 19Page - ON Semiconductor NCP1615 Datasheet HTML 20Page - ON Semiconductor NCP1615 Datasheet HTML 21Page - ON Semiconductor NCP1615 Datasheet HTML 22Page - ON Semiconductor NCP1615 Datasheet HTML 23Page - ON Semiconductor NCP1615 Datasheet HTML 24Page - ON Semiconductor NCP1615 Datasheet HTML 25Page - ON Semiconductor NCP1615 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
NCP1615
http://onsemi.com
22
Figure 18. Current Sense and Zero Current Detection Blocks
VOCP
S
R
Q
DRV
OCP
OverStress
ZCD signal for valley
detection and CCFF
CS/ZCD
Rsense
DRV
Q1
D1
CBULK
CIN
Current Limit
Comparator
LEB
tOVS(LEB)
RCS
RZCD1
RZCD2
DZCD
Vin
Vout
ACin
ZCD
Comparator
VZCD(rising)/
VZCD(falling)
Overstress
watchdog
timer (toff2)
LEB
tOCP(LEB)
PFCOK SIGNAL
The PFCOK pin provides a dedicated 5 V reference when
the PFC stage is in regulation. The pin is internally grounded
during the following conditions:
During Start−Up: It remains low until the output
voltage achieves regulation and the voltage stabilizes at
the right level.
Low Output Voltage: If the PFC stage output voltage is
below the bulk undervoltage (BUV_Fault) level, this is
indicative of a fault. The PFCOK signal then provides a
means to disable and protect the downstream converter.
Brownout fault is detected (after discharge of control
capacitor).
Low supply voltage: VCC falls below VCC(off).
Feedback undervoltage fault.
Fault condition: A fault detected through the Fault pin.
Open FB pin.
Thermal Shutdown.
Line voltage removal.
The circuit schematic of the PFCOK block is shown
Figure 19.
Figure 19. PFCOK Circuit Schematic
PFC_OK
R
S
Q
Dominant
Reset
Latch
Q
PFCOK
OVLflag
OFF
BUV_fault
Line_OVP
In_Regulation
The PFCOK circuit monitors the current sourced by the
OTA. The OTA current reaches zero when the output voltage
has reached its nominal level. This is represented in the
block diagram by the “In_Regulation” Signal. The PFCOK
signal goes high when the current reaches zero or falls below
zero. The start−up phase is then complete and the PFCOK
signal goes high until a fault is detected.
Another signal considered before setting the PFCOK
signal is the BUV. The PFCOK signal will remain low until
the bulk voltage is above the undervoltage threshold. The
PFCOK signal will go low if the bulk voltage drops below
its undervoltage threshold.
BROWNOUT DETECTION
The HV pin provides access to the brownout and line
voltage detectors. It also provides access to the input filter
capacitor discharge circuit. The brownout detector detects
main interruptions and the line voltage detector determines
the presence of either 110 V or 220 V ac mains. Depending
on the detected input voltage range device parameters are
internally adjusted to optimize the system performance.
Line and neutral are diode “ORed” before connecting to
the HV pin as shown in Figure 20. The diodes prevent the
pin voltage from going below ground. A low value resistor
in series with the diodes can be used for protection. A low
value resistor is needed to reduce the voltage offset while
sensing the line voltage.
Figure 20. High−Voltage Input Connection
EMI
AC
IN
HV
Controller
FILTER
The controller is enabled once VHV is above the brownout
threshold, VBO(start), typically 111 V, and VCC reaches
VCC(on). Figure 21 shows typical power up waveforms.


Similar Part No. - NCP1615

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1615A1DR2G ONSEMI-NCP1615A1DR2G Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
NCP1615ADR2G ONSEMI-NCP1615ADR2G Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
NCP1615BDR2G ONSEMI-NCP1615BDR2G Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
NCP1615C2DR2G ONSEMI-NCP1615C2DR2G Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
NCP1615C3DR2G ONSEMI-NCP1615C3DR2G Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
More results

Similar Description - NCP1615

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
NCP1615 ONSEMI-NCP1615_16 Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
logo
SHENZHEN FUMAN ELECTRON...
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
ON Semiconductor
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
logo
Bellnix Co.,Ltd.
BPF BELLNIX-BPF Datasheet
666Kb / 10P
   Compact and high efficiency power factor correction unit
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com