Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8816AEHA150 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8816AEHA150
Description  1.5A CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8816AEHA150 Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8816AEHA150 Datasheet HTML 1Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 2Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 3Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 4Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 5Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 6Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 7Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 8Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AME, Inc.
5
AME8816
1.5A CMOS LDO
n
n
n
n
n Electrical Specifications
P a ra m e te r
S ym b ol
M in
Typ
M a x
Un its
Input V oltage
V IN
Note 1
7
V
O utput Voltage A ccuracy
V O
-1.5
1.5
%
1.5V < V O(N OM)< = 2.0V
1300
Dropout V oltage
V DROPOU T
2.0V < V O(N OM)< = 2.8V
800
2.8V < V O(N OM)
600
O utput Current
IO
1500
m A
Current Lim it
ILIM
1500
2000
m A
S hort Circ uit Current
ISC
750
m A
Q uies c ent Current
IQ
45
70
µA
M inim un Load Current
(For A DJ O ption)
IMIN
1m A
G round P in Current
IGN D
45
µA
V O < 2.0V
-0.15
0.15
%
4.0 > V O > = 2.0V
-0.1
0.02
0.1
%
4.0V < = V O
-0.4
0.4
%
Load Regulation
RE G LOAD
-1
0.2
1
%
O ver Tem erature S hutdown
O TS
150
o
C
O ver Tem erature Hy s teris is
O TH
30
o
C
V O Tem perature Coeffic ient
TC
30
ppm /
oC
A DJ Input B ias Current
IAD J
1
µA
A DJ Referenc e V oltage
V REF
1.223
1.242
1.261
V
f= 1k Hz
50
P S RR
f= 10k Hz
20
dB
f= 100k Hz
15
f= 1k Hz
75
P S RR
f= 10k Hz
55
dB
f= 100k Hz
30
V EH
2.0
V in
V
V EL
00.4
V
IEH
0.1
µA
IEL
0.5
µA
S hutdown S upply Current
ISD
0.5
2
µA
Note1.V IN (m in)=V OU T+V DROPOU T
Note2.V O(nom ) : nom inal output voltage of fix ed vers ion
V IN = 5V , V O=0V , V EN =0V
Co= 4.7
µF30
Co= 4.7
µF30
E N Input Thres hold
E N Input B ias Current
V IN = 7V
V EN =0V , V IN = 7V
O utput V oltage Nois e
eN
f= 10Hz to 100k Hz
IO= 10m A ,CBY P=0.01
µF
µVrm s
O utput V oltage Nois e
eN
f= 10Hz to 100k Hz
IO= 10m A ,CBY P=0
µF
µVrm s
P ower S upply Rejec tion
IO= 100m A
CO=4.7
µF ceram ic
P ower S upply Rejec tion
IO= 100m A
CO=4.7
µF ceram ic
CBY P=0.01
µF
V IN = 5V , V AD J = 1.242V
IO= 1m A to 1.5A
Line Regulation
RE G LIN E
IO= 1m A
V IN =V O+ 1 to V O+2
V O>1.2V
V O<0.4V
IO=0m A
IO= 1m A to 1.5A
IO= 1.5A
V O=V ON OM -2.0%
See
c hart
mV
V O>1.2V
Te st Con dition
V EN = V EH min, IO=1m A
V IN = V O(nom) +2V, V EN = V IN , TA = 25
o C unless otherwise noted


Similar Part No. - AME8816AEHA150

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816AEHA150Z AME-AME8816AEHA150Z Datasheet
304Kb / 18P
   1.5A CMOS LDO
More results

Similar Description - AME8816AEHA150

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com