Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8816AEHA150 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME8816AEHA150
Description  1.5A CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8816AEHA150 Datasheet(HTML) 2 Page - Analog Microelectronics

  AME8816AEHA150 Datasheet HTML 1Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 2Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 3Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 4Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 5Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 6Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 7Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 8Page - Analog Microelectronics AME8816AEHA150 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AME, Inc.
2
1.5A CMOS LDO
AME8816
6
7
1
2
3
8
5
4
n
n
n
n
n Pin Configuration
1. EN
2. VIN
3. GND
4. VOUT
5. BYP
TO-263(DDPAK-5) Top View
12
3
4
5
AME8816
AEDVXXX
YYWW
1. BYP
2. GND
3. GND
4. EN
5. VIN
6. GND
7. GND
8. VOUT
1. ADJ
2. GND
3. GND
4. EN
5. VIN
6. GND
7. GND
8. VOUT
8816
AEHAXXX
YYWW
SO-8 Top View
6
7
1
2
3
8
5
4
1. EN
2. VIN
3. GND
4. VOUT
5. ADJ
12
3
4
5
AME8816
BEDVADJ
YYWW
8816
BEHAADJ
YYWW
6
7
1
2
3
8
5
4
8816
CEHAADJ
YYWW
1. EN
2. VIN
3. VOUT
4. ADJ
5. GND
6. GND
7. GND
8. GND


Similar Part No. - AME8816AEHA150

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816AEHA150Z AME-AME8816AEHA150Z Datasheet
304Kb / 18P
   1.5A CMOS LDO
More results

Similar Description - AME8816AEHA150

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com