Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD233 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233
Description  3.3-V CAN TRANSCEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD233 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD233 Datasheet HTML 1Page - Texas Instruments SN65HVD233 Datasheet HTML 2Page - Texas Instruments SN65HVD233 Datasheet HTML 3Page - Texas Instruments SN65HVD233 Datasheet HTML 4Page - Texas Instruments SN65HVD233 Datasheet HTML 5Page - Texas Instruments SN65HVD233 Datasheet HTML 6Page - Texas Instruments SN65HVD233 Datasheet HTML 7Page - Texas Instruments SN65HVD233 Datasheet HTML 8Page - Texas Instruments SN65HVD233 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
POWER DISSIPATION RATINGS
ABSOLUTE MAXIMUM RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS
SN65HVD233
SN65HVD234
SN65HVD235
www.ti.com.............................................................................................................................................. SLLS557F – NOVEMBER 2002 – REVISED AUGUST 2008
CIRCUIT
TA ≤ 25°C
DERATING FACTOR(1)
TA = 85°C
TA = 125°C
PACKAGE
BOARD
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D
Low-K
596.6 mW
5.7 mW/°C
255.7 mW
28.4 mW
D
High-K
1076.9 mW
10.3 mW/°C
461.5 mW
51.3 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
over operating free-air temperature range unless otherwise noted
Value
UNIT
VCC
Supply voltage range
–0.3 to 7
V
Voltage range at any bus terminal (CANH or CANL)
–36 to 36
V
Voltage input range, transient pulse, CANH and CANL, through 100
Ω (see Figure 7)
–100 to 100
V
VI
Input voltage range, (D, R, RS, EN, LBK, AB)
–0.5 to 7
V
IO
Receiver output current
–10 to 10
mA
Electrostatic discharge
Human Body Model(3)
CANH, CANL and GND
16
kV
Human Body Model(3)
All pins
3
kV
Electrostatic discharge
Charged-Device Mode(4)
All pins
1
kV
See Dissipation Rating
Continuous total power dissipation
Table
TJ
Operating junction temperature
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
MIN
TYP
MAX
UNIT
VCC
Supply voltage
3
3.6
Voltage at any bus terminal (separately or common mode)
–7
12
VIH
High-level input voltage
D, EN, AB, LBK
2
5.5
V
VIL
Low-level input voltage
D, EN, AB, LBK
0
0.8
VID
Differential input voltage
–6
6
Resistance from RS to ground
0
100
k
VI(Rs) Input Voltage at RS for standby
0.75 VCC
5.5
V
Driver
–50
IOH
High-level output current
mA
Receiver
–10
Driver
50
IOL
Low-level output current
mA
Receiver
10
TJ
Operating junction temperature
HVD233, HVD234, HVD235
150
°C
TA
Operating free-air temperature(1)
HVD233, HVD234, HVD235
-40
125
°C
(1)
Maximum free-air temperature operation is allowed as long as the device maximum junction temperature is not exceeded.
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65HVD233 SN65HVD234 SN65HVD235


Similar Part No. - SN65HVD233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
461Kb / 24P
[Old version datasheet]   3.3-V CAN TRANSCEIVER
SN65HVD233 TI-SN65HVD233 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
More results

Similar Description - SN65HVD233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com