Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA02040X4701GB300 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # CMA02040X4701GB300
Description  High Pulse Load MELF Resistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMA02040X4701GB300 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button CMA02040X4701GB300 Datasheet HTML 2Page - Vishay Siliconix CMA02040X4701GB300 Datasheet HTML 3Page - Vishay Siliconix CMA02040X4701GB300 Datasheet HTML 4Page - Vishay Siliconix CMA02040X4701GB300 Datasheet HTML 5Page - Vishay Siliconix CMA02040X4701GB300 Datasheet HTML 6Page - Vishay Siliconix CMA02040X4701GB300 Datasheet HTML 7Page - Vishay Siliconix CMA02040X4701GB300 Datasheet HTML 8Page - Vishay Siliconix CMA02040X4701GB300 Datasheet HTML 9Page - Vishay Siliconix CMA02040X4701GB300 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CMA 0204
High Pulse Load MELF Resistor
Vishay Beyschlag
Document Number: 28717
For technical questions contact: ff3bresistors@vishay.com
www.vishay.com
Revision: 18-Jul-06
65
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
following specifications:
EN 60115-1, generic specification
EN 140400, sectional specification
EN 140401-803, detail specification
The Test Procedures and Requirements table contains the
applicable tests selected from the documents listed above.
The tests are carried out in accordance with IEC 60068* and
under standard atmospheric conditions in accordance with
IEC 60068-1, 5.3*. Climatic category LCT/UCT/56 (rated
temperature range: Lower Category Temperature, Upper
Category Temperature; damp heat, long term, 56 days) is
valid.
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
The components are mounted for testing on printed-circuit
boards in accordance with EN 140400, 2.3.3, unless
otherwise specified.
The requirements stated in the Test Procedures and
Requirements table are based on the required tests and
permitted limits of EN 140401-803.
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC 60068-2*
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
stability for product types:
CMA 0204
10
Ω to 100 kΩ
4.5
-
resistance
-± 2 % R
4.8.4.2
-
temperature coefficient
at 20/- 55/20 °C
and 20/125/20 °C
see Temperature Coefficient graph
4.25.1
-
endurance at 70
°C:
standard operation mode
U =
≤ U
max;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (1 % R +0.05
Ω)
70 °C; 8000 h
± (2 % R +0.05
Ω)
4.25.1
-
endurance at 70
°C:
power operation mode
U =
≤ U
max;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (2 % R +0.05
Ω)
70 °C; 8000 h
± (4 % R +0.05
Ω)
4.25.3
-
endurance at upper category
temperature
125 °C; 1000 h
± (2 % R +0.05
Ω)
155 °C; 1000 h
± (4 % R +0.05
Ω)
4.24
78 (Cab)
damp heat, steady state
(40 ± 2)
°C; 56 days; (93 ± 3) % RH
± (1 % R +0.1
Ω)
4.23
climatic sequence:
4.23.2
2 (Ba)
dry heat
UCT; 16 h
4.23.3
30 (Db)
damp heat, cyclic
55
°C; 24 h; ≥ 90 % RH; 1 cycle
4.23.4
1 (Aa)
cold
LCT; 2 h
4.23.5
13 (M)
low air pressure
8.5 kPa; 2 h; (25 ± 10)
°C
4.23.6
30 (Db)
damp heat, cyclic
55
°C; 24 h; ≥ 90 % RH; 5 cycles
4.23.7
-
d.c. load
U =
≤ U
max; 1 min.
LCT = - 55
°C; UCT = 155 °C
± (1 % R +0.1
Ω)
-
1 (Aa)
cold
- 55
°C; 2 h
± (0.5 % R +0.1
Ω)
P
70
R
×
P
70
R
×
P
70
R
×


Similar Part No. - CMA02040X4701GB300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMA02040X4701GB300 VISHAY-CMA02040X4701GB300 Datasheet
171Kb / 11P
   High Pulse Load Carbon Film MINI-MELF Resistors
01-Jan-2022
More results

Similar Description - CMA02040X4701GB300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204 Datasheet
106Kb / 8P
   High Pulse Load MELF Resistor
Revision: 27-Feb-04
CMB02070X1002GB200 VISHAY-CMB02070X1002GB200 Datasheet
114Kb / 6P
   High Pulse Load MELF Resistor
Revision: 31-Oct-06
CMB0207 VISHAY-CMB0207 Datasheet
140Kb / 7P
   High Pulse Load MELF Resistor
Revision: 31-Oct-06
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
   High Pulse Load MELF Resistors
Revision: 01-Mar-10
logo
Token Electronics Indus...
RGM TOKEN-RGM Datasheet
425Kb / 5P
   Anti-Surge Pulse Load Melf Resistors
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
   High Pulse Load Carbon Film MINI-MELF Resistors
01-Jan-2022
CMA0204HF VISHAY-CMA0204HF Datasheet
119Kb / 7P
   Pulse Load Carbon Film MELF Resistors for High Frequency Applications
Revision: 01-Dec-09
CMB02070X2700GB200 VISHAY-CMB02070X2700GB200 Datasheet
145Kb / 7P
   High Pulse Load, High Voltage (up to 0.5 kV) Carbon Film MELF Resistors
Revision: 16-May-13
logo
KOA Speer Electronics, ...
CC10 KOA-CC10 Datasheet
356Kb / 2P
   zero ohm melf resistor
CPCN2N KOA-CPCN2N Datasheet
88Kb / 2P
   fixed ceramic melf resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com