Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR2632 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RR2632
Description  Precision 0.1% and 0.5%, tolerance Thin Film Chip Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RR2632 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RR2632 Datasheet HTML 1Page - List of Unclassifed Manufacturers RR2632 Datasheet HTML 2Page - List of Unclassifed Manufacturers RR2632 Datasheet HTML 3Page - List of Unclassifed Manufacturers RR2632 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Precision 0.1% and 0.5%, tolerance
SUSUMU CO.,LTD
RR series
www.susumu.co.jp
Thin Film Chip Resistor
Ordering information
RR
0816
P
D
104
-
TY P E
Size
0306
0510
0816
1220
TCR
P=25ppm/oC
Q =50ppm/oC
R=100ppm/oC
-
R-V alues
3 digits for E 24 s eries
(E x .104= 100K ohm)
4 digits for E 96 s eries
(E x .4992= 49.9K ohm)
Toleranc e
D=0.5%
-
XXX
"3" digit c ode
To be added
w hen E96 s eries
of R R 0816
(Ex. 49.9K=68C )
M
"M " c ode
To be
added w hen
E96 s eries
of R R 1220
-
RR
0816
P
M
B
104
TYPE
Size
0510
0816
1220
TCR
P=25ppm/oC
R-Values
3 digits for E24 series
(Ex.104=100K ohm)
4 digits for E96 series
(Ex.4992=49.9K ohm)
Tolerance
B=0.1%
Package
Blank
=1000
T5=5000
T5
"3" digit code
To be added
when E96 s eries
of RR0816
(Ex. 49.9K=68C)
--
-
-
"M" code
To be
added when
E96 s eries
of RR 1220
XXX
-
RR
1632
P
T1
D
1002
TYPE
Size
1632
2632
TCR
P=25ppm/oC
Q=50ppm/oC
R-Values
4 digits for all values
(Ex.1003=100K ohm)
R=Decimal
(Ex.49R9=49.9 ohm)
Tolerance
B=0.1%
D=0.5%
Package
T1=1000
T5=5000
---
Identification showing
RoHS Compliance &
Lead-free (Matte Sn 100%)
RR1220P-1152- B - M - T5
Q.T.Y
5000pcs
Inspected
f
MADE IN JAPAN
SUSUMU CO.,LTD.
Y331704-- K
N:
Parts number
(Type designation)
Quantity per reel
Manufacturing
date code
RoHS Compliance and 100% Lead Free information
Our compliance parts will be differentiated by LABEL on the plastic reel.
Compliant Components: dotted line on the label. (Please see description)


Similar Part No. - RR2632

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR2632 ETC-RR2632 Datasheet
52Kb / 1P
   RR series, high-precision metal film chip resistors
RR2632P-102-D ETC-RR2632P-102-D Datasheet
54Kb / 1P
   high-precision metal film chip resistors
RR2632P-102-F ETC-RR2632P-102-F Datasheet
54Kb / 1P
   high-precision metal film chip resistors
RR2632P-120-D ETC-RR2632P-120-D Datasheet
54Kb / 1P
   high-precision metal film chip resistors
More results

Similar Description - RR2632

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN731 KOA-RN731 Datasheet
220Kb / 2P
   ultra precision 0.05, 0.1, 1 tolerance thin film chip resistor
RN732BTTE1002B25 KOA-RN732BTTE1002B25 Datasheet
233Kb / 2P
   ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor
RN731ET KOA-RN731ET Datasheet
88Kb / 2P
   ultra precision 0.05%, 0.1%,1%tolerance thin film chip resistor
RN73 KOA-RN73 Datasheet
234Kb / 2P
   ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor
RK73H1ETTP4301F KOA-RK73H1ETTP4301F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1JTTD1272F KOA-RK73H1JTTD1272F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H2ATTD9091F KOA-RK73H2ATTD9091F Datasheet
227Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1H KOA-RK73H1H Datasheet
92Kb / 2P
   precision 0.5%,1%tolerance thick film chip resistor
RK73H2BTTD1003F KOA-RK73H2BTTD1003F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
RK73H1ETTP1200F KOA-RK73H1ETTP1200F Datasheet
226Kb / 2P
   precision 0.5%, 1% tolerance thick film chip resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com