Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A23L9308 Datasheet(PDF) 2 Page - AMIC Technology

Part # A23L9308
Description  524,288 X 8 BIT CMOS MASK ROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L9308 Datasheet(HTML) 2 Page - AMIC Technology

  A23L9308 Datasheet HTML 1Page - AMIC Technology A23L9308 Datasheet HTML 2Page - AMIC Technology A23L9308 Datasheet HTML 3Page - AMIC Technology A23L9308 Datasheet HTML 4Page - AMIC Technology A23L9308 Datasheet HTML 5Page - AMIC Technology A23L9308 Datasheet HTML 6Page - AMIC Technology A23L9308 Datasheet HTML 7Page - AMIC Technology A23L9308 Datasheet HTML 8Page - AMIC Technology A23L9308 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
A23L9308 Series
Preliminary
524,288 X 8 BIT CMOS MASK ROM
PRELIMINARY
(October, 2001, Version 0.0)
1
AMIC Technology, Inc.
Features
n 524,288 x 8 bit organization
n Wide power supply range: +2.7V to +3.6V
n Access time: 150ns (max.)/3V~3.6V
200ns (max.)/2.7V~3.3V
n Current: Operating: 15mA (max.)/3V~3.6V
10mA (max.)/2.7V~3.3V
Standby:
25ìA (max.)/3V~3.6V
5ìA (max.)/2.7V~3.3V
n Mask Programmed for Chip Enable (power-down)
CE/ CE , Output Enable OE/ OE /NC
n Three-state outputs for wired-OR expansion
n Full static operation
n All inputs and outputs are directly TTL-compatible
n Available in 32-pin DIP, 32-pin SOP, 32-pin PLCC
packages or in DICE FORM.
General Description
The A23L9308 high-performance Read Only Memory is
configured as 524,288 x 8 bits. It is designed to be
compatible
with
all
microprocessors
and
similar
applications where high-performance, large-bit storage,
and
simple
interfacing
are
important
design
considerations. This device is designed for use with
operating voltage from 2.7V to 3.6V.
The A23L9308 offers an automatic POWER-DOWN
controlled by the Chip Enable CE/ CE input. When
CE/ CE goes low/high, the device will automatically
POWER-DOWN and remain in a low power STANDBY
mode as long as CE/ CE remains low/high. A23L9308
also offers OE/ OE /NC (Active High or Low or No
Connection), which eliminates bus contention in multiple
bus microprocessor systems.
Pin Configurations
n
n P-DIP / SOP
n
n PLCC
A23L9308
A6
A10
A9
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
O0
O1
O3
O4
O5
A11
A9
A13
VCC
A10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
19
20
21
22
23
24
25
26
27
28
29
30
31
32
A8
O2
GND
O6
O7
CE/CE
A14
A5
A4
A3
A2
A1
A0
O0
O7
A8
A13
A14
5
6
7
8
9
10
11
12
13
21
22
23
24
25
26
27
28
29
OE/OE/NC
18
15
16
17
A1
A0
A18
A17
CE/CE
A11
A7
OE/OE/NC


Similar Part No. - A23L9308

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
A23L93161 AMICC-A23L93161 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
A23L93161V AMICC-A23L93161V Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
A23L93161V-100 AMICC-A23L93161V-100 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
A23L93161V-70 AMICC-A23L93161V-70 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L9308

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MR53V8002J OKI-MR53V8002J Datasheet
158Kb / 8P
   524,288-Word x 16-bit or 1,048,576 x 8-Bit MASK ROM
logo
NEC
UPD23C256E NEC-UPD23C256E Datasheet
100Kb / 3P
   32,368 x 8-BIT MASK-PROGRAMMABLE CMOS ROM
UPD23C1001E NEC-UPD23C1001E Datasheet
169Kb / 4P
   131,072 x 8-Bit Mask-Programmable CMOS ROM
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
logo
King blillion Electroni...
SF23C4000 KB-SF23C4000 Datasheet
208Kb / 6P
   512K x 8 bit CMOS Mask Programmable ROM
logo
List of Unclassifed Man...
UM23C1024 ETC1-UM23C1024 Datasheet
102Kb / 1P
   131,072 X 8 BIT CMOS MASK - PROGRAMMABLE ROM
logo
UMC Corporation
UM23C1028-A UMC-UM23C1028-A Datasheet
246Kb / 6P
   16,384 X 8-BIT CMOS MASK-PROGRAMMABLE ROM
logo
Holtek Semiconductor In...
HT23C256 HOLTEK-HT23C256 Datasheet
242Kb / 8P
   CMOS 32Kx 8-Bit Mask ROM
HT23C512 HOLTEK-HT23C512 Datasheet
239Kb / 8P
   CMOS 64Kx 8-Bit Mask ROM
logo
AMIC Technology
A23L8316 AMICC-A23L8316 Datasheet
221Kb / 12P
   256K X 16 / 512K X 8 BIT CMOS MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com