Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD847JRZ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AD847JRZ
Description  MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD847JRZ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AD847JRZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 11Page - List of Unclassifed Manufacturers AD847JRZ Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-89647
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
10
DSCC FORM 2234
APR 97
3.6 Certificate of compliance. A certificate of compliance shall be required from a manufacturer in order to be listed as an
approved source of supply in MIL-HDBK-103 (see 6.6 herein). The certificate of compliance submitted to DSCC-VA prior to
listing as an approved source of supply shall affirm that the manufacturer's product meets the requirements of MIL-PRF-38535,
appendix A and the requirements herein.
3.7 Certificate of conformance. A certificate of conformance as required in MIL-PRF-38535, appendix A shall be provided
with each lot of microcircuits delivered to this drawing.
3.8 Notification of change. Notification of change to DSCC-VA shall be required for any change that affects this drawing.
3.9 Verification and review. DSCC, DSCC's agent, and the acquiring activity retain the option to review the manufacturer's
facility and applicable required documentation. Offshore documentation shall be made available onshore at the option of the
reviewer.
4. VERIFICATION
4.1 Sampling and inspection. Sampling and inspection procedures shall be in accordance with MIL-PRF-38535,
appendix A.
4.2 Screening. Screening shall be in accordance with method 5004 of MIL-STD-883, and shall be conducted on all devices
prior to quality conformance inspection. The following additional criteria shall apply:
a.
Burn-in test, method 1015 of MIL-STD-883.
(1) Test condition B. The test circuit shall be maintained by the manufacturer under document revision level control
and shall be made available to the preparing or acquiring activity upon request. The test circuit shall specify the
inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in method 1015
of MIL-STD-883.
(2) TA = +125C, minimum.
b.
Interim and final electrical test parameters shall be as specified in table II herein, except interim electrical parameter
tests prior to burn-in are optional at the discretion of the manufacturer.
4.3 Quality conformance inspection. Quality conformance inspection shall be in accordance with method 5005 of MIL-STD-
883 including groups A, B, C, and D inspections. The following additional criteria shall apply.
4.3.1 Group A inspection.
a.
Tests shall be as specified in table II herein.
b.
Subgroups 7, 8, 9, 10, and 11 in table I, method 5005 of MIL-STD-883 shall be omitted.
4.3.2 Groups C and D inspections.
a.
End-point electrical parameters shall be as specified in table II herein.
b.
Steady-state life test conditions, method 1005 of MIL-STD-883.
(1)
Test condition B. The test circuit shall be maintained by the manufacturer under document revision level control
and shall be made available to the preparing or acquiring activity upon request. The test circuit shall specify the
inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in method
1005 of MIL-STD-883.
(2)
TA = +125C, minimum.
(3)
Test duration: 1,000 hours, except as permitted by method 1005 of MIL-STD-883.


Similar Part No. - AD847JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD847JRZ AD-AD847JRZ Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
   High Speed, Low Power Monolithic Op Amp
REV. F
More results

Similar Description - AD847JRZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP16GJ ETC2-OP16GJ Datasheet
173Kb / 14P
   MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
logo
List of Unclassifed Man...
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
AD96687BPZ ETC-AD96687BPZ Datasheet
72Kb / 11P
   MICROCIRCUIT, LINEAR, HIGH-SPEED VOLTAGE COMPARATOR, MONOLITHIC SILICON
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com