Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8815AEBT500 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8815AEBT500
Description  1.5A CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8815AEBT500 Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8815AEBT500 Datasheet HTML 2Page - Analog Microelectronics AME8815AEBT500 Datasheet HTML 3Page - Analog Microelectronics AME8815AEBT500 Datasheet HTML 4Page - Analog Microelectronics AME8815AEBT500 Datasheet HTML 5Page - Analog Microelectronics AME8815AEBT500 Datasheet HTML 6Page - Analog Microelectronics AME8815AEBT500 Datasheet HTML 7Page - Analog Microelectronics AME8815AEBT500 Datasheet HTML 8Page - Analog Microelectronics AME8815AEBT500 Datasheet HTML 9Page - Analog Microelectronics AME8815AEBT500 Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AME, Inc.
6
1.5A CMOS LDO
AME8815
n Ordering Information
Part Number
Marking
Output
Package Operating Temp.
AME8815BEBT150
AME8815
BEBT150
yyww
1.50
TO-220
-40
oC to +85oC
AME8815BEBT180
AME8815
BEBT180
yyww
1.80
TO-220
-40
oC to +85oC
AME8815BEBT250
AME8815
BEBT250
yyww
2.50
TO-220
-40
oC to +85oC
AME8815BEBT330
AME8815
BEBT330
yyww
3.30
TO-220
-40
oC to +85oC
AME8815BEBT475
AME8815
BEBT475
yyww
4.75
TO-220
-40
oC to +85oC
AME8815BEBT500
AME8815
BEBT500
yyww
5.00
TO-220
-40
oC to +85oC
AME8815BECS150
AME8815
BECS150
yyww
1.50
TO-252
-40
oC to +85oC
AME8815BECS180
AME8815
BECS180
yyww
1.80
TO-252
-40
oC to +85oC
AME8815BECS250
AME8815
BECS250
yyww
2.50
TO-252
-40
oC to +85oC
AME8815BECS330
AME8815
BECS330
yyww
3.30
TO-252
-40
oC to +85oC
AME8815BECS475
AME8815
BECS475
yyww
4.75
TO-252
-40
oC to +85oC
AME8815BECS500
AME8815
BECS500
yyww
5.00
TO-252
-40
oC to +85oC


Similar Part No. - AME8815AEBT500

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8815AEBT120Z AME-AME8815AEBT120Z Datasheet
254Kb / 28P
   1.5A CMOS LDO
AME8815AEBT150Z AME-AME8815AEBT150Z Datasheet
254Kb / 28P
   1.5A CMOS LDO
AME8815AEBT180Z AME-AME8815AEBT180Z Datasheet
254Kb / 28P
   1.5A CMOS LDO
AME8815AEBT190Z AME-AME8815AEBT190Z Datasheet
254Kb / 28P
   1.5A CMOS LDO
AME8815AEBT250Z AME-AME8815AEBT250Z Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results

Similar Description - AME8815AEBT500

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8817 AME-AME8817 Datasheet
81Kb / 10P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com