Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3L853141DTG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB3L853141DTG
Description  Fanout Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3L853141DTG Datasheet(HTML) 2 Page - ON Semiconductor

  NB3L853141DTG Datasheet HTML 1Page - ON Semiconductor NB3L853141DTG Datasheet HTML 2Page - ON Semiconductor NB3L853141DTG Datasheet HTML 3Page - ON Semiconductor NB3L853141DTG Datasheet HTML 4Page - ON Semiconductor NB3L853141DTG Datasheet HTML 5Page - ON Semiconductor NB3L853141DTG Datasheet HTML 6Page - ON Semiconductor NB3L853141DTG Datasheet HTML 7Page - ON Semiconductor NB3L853141DTG Datasheet HTML 8Page - ON Semiconductor NB3L853141DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NB3L853141
http://onsemi.com
2
6
Q1
Q2
Q3
Q4
17
18
16
15
14
13
12
4
35
7
8
9
VCC
11
10
Q4
Q3
Q2
Q1
NC CLK1 CLK0 CLK0 NC SEL VEE
Q0
19
20
2
1
VCC
Q0
EN
Note: All VCC and VEE pins must be externally connected to
Power Supply to guarantee proper operation.
Figure 1. Pinout (Top View) and Logic Diagram
Table 1. FUNCTION TABLE
CLK0
CLK1
SEL
EN
Q
L
H
X
X
X
X
X
L
H
X
L
L
H
H
X
L
L
L
L
H
L
H
L
H
L*
*On next negative transition of CLK0 or CLK1
X = Don’t Care
Table 2. PIN DESCRIPTION
Pin Number
Name
I/O
Open
Default
Description
1
Q0
LVPECL Output
Non−Inverted Differential Clock Output
2
Q0
LVPECL Output
Inverted Differential Clock Output
3
Q1
LVPECL Output
Non−Inverted Differential Clock Output
4
Q1
LVPECL Output
Inverted Differential Clock Output
5
Q2
LVPECL Output
Non−Inverted Differential Clock Output
6
Q2
LVPECL Output
Inverted Differential Clock Output
7
Q3
LVPECL Output
Non−Inverted Differential Clock Output
8
Q3
LVPECL Output
Inverted Differential Clock Output
9
Q4
LVPECL Output
Non−Inverted Differential Clock Output
10
Q4
LVPECL Output
Inverted Differential Clock Output
11
VEE
Power
Negative Supply Voltage
12
SEL
LVCMOS / LVTTL
Input
Low
Clock Select Input. When HIGH, selects CLK1 input. When LOW,
selects CLK0, CLK0 inputs. Internal Pull−down Resistor.
13
NC
No Connect
14
CLK0
Multi−Level Input
High
Inverted Differential Clock Input. Internal Pull−up Resistor.
15
CLK0
Multi−Level Input
Low
Non−Inverted Differential Clock Input. Internal Pull−down Resistor.
16
CLK1
LVCMOS/LVTTL
Input
Low
Single−ended Clock Input. Internal Pull−down Resistor.
17
NC
No Connect
18
VCC
Power
Positive Supply Voltage
19
EN
LVCMOS/LVTTL
Input
Low
Synchronous Clock Enable Input. When Low, outputs are enabled.
When High, outputs are disabled Low. Internal Pull−down Resistor.
20
VCC
Power
Positive Supply Voltage
All VCC and VEE pins must be externally connected to a power supply to guarantee proper operation. Bypass each supply pin with
0.01 mF to GND.


Similar Part No. - NB3L853141DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L853141DTG ONSEMI-NB3L853141DTG Datasheet
113Kb / 10P
   2.5V/3.3V 1:5 LVPECL Fanout Buffer
December, 2015 ??Rev. 2
More results

Similar Description - NB3L853141DTG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
   High-performance fanout buffer clock and fanout buffer
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
   LVPECL Fanout Buffer
ICS8535I-31 IDT-ICS8535I-31_10 Datasheet
847Kb / 15P
   LVPECL Fanout Buffer
853S024 IDT-853S024_11 Datasheet
900Kb / 19P
   LVPECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
   LVPECL FANOUT BUFFER
ICS85314I-11 IDT-ICS85314I-11 Datasheet
459Kb / 21P
   LVPECL Fanout Buffer
logo
Renesas Technology Corp
5P1105 RENESAS-5P1105 Datasheet
743Kb / 32P
   Programmable Fanout Buffer
Aug 1, 2022
logo
Integrated Device Techn...
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
   LVPECL Fanout Buffer
5P1105 IDT-5P1105 Datasheet
479Kb / 32P
   Programmable Fanout Buffer
logo
Renesas Technology Corp
5P1103 RENESAS-5P1103 Datasheet
1Mb / 31P
   Programmable Fanout Buffer
Aug 1, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com