Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3F8L3005CMNTXG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NB3F8L3005CMNTXG
Description  1:5 LVCMOS Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3F8L3005CMNTXG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NB3F8L3005CMNTXG Datasheet HTML 5Page - ON Semiconductor NB3F8L3005CMNTXG Datasheet HTML 6Page - ON Semiconductor NB3F8L3005CMNTXG Datasheet HTML 7Page - ON Semiconductor NB3F8L3005CMNTXG Datasheet HTML 8Page - ON Semiconductor NB3F8L3005CMNTXG Datasheet HTML 9Page - ON Semiconductor NB3F8L3005CMNTXG Datasheet HTML 10Page - ON Semiconductor NB3F8L3005CMNTXG Datasheet HTML 11Page - ON Semiconductor NB3F8L3005CMNTXG Datasheet HTML 12Page - ON Semiconductor NB3F8L3005CMNTXG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NB3F8L3005C
http://onsemi.com
10
Figure 7. General Diagram for LVCMOS Driver to XTAL Input Interface Use Rs or R1 / R2
Figure 8. General Diagram for LVPECL Driver to XTAL Input Interface
Zo = 50 W
LVMOS
C1
0.1
mF
R2
100
W
Z0 = RO + Rs
GND = 0.0 V
VDD
R1
100
W
Rs
RO
GND = 0.0 V
XTAL_IN
VDD
XTAL_OUT
Zo = 50 W
LVPECL
C1
0.1
mF
VTT = VDD − 2.0 V
VDD
GND = 0.0 V
XTAL_IN
XTAL_OUT
Zo = 50 W
50
W
50
W
NC
NC


Similar Part No. - NB3F8L3005CMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3005CMNTXG ONSEMI-NB3F8L3005CMNTXG Datasheet
118Kb / 13P
   2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
More results

Similar Description - NB3F8L3005CMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C_15 Datasheet
118Kb / 13P
   2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
logo
Motorola, Inc
MPC9120 MOTOROLA-MPC9120 Datasheet
93Kb / 6P
   1:10 LVCMOS FANOUT BUFFER
MPC9140 MOTOROLA-MPC9140 Datasheet
105Kb / 6P
   1:18 LVCMOS FANOUT BUFFER
logo
ON Semiconductor
NB3F8L3010C ONSEMI-NB3F8L3010C_16 Datasheet
113Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
May, 2016 ??Rev. 7
NB3F8L3010C ONSEMI-NB3F8L3010C Datasheet
117Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
logo
Integrated Device Techn...
83905I IDT-83905I Datasheet
498Kb / 21P
   LVCMOS/ LVTTL Fanout Buffer
8302 IDT-8302 Datasheet
102Kb / 10P
   LVCMOS / LVTTL Fanout Buffer
8536I-33 IDT-8536I-33 Datasheet
347Kb / 19P
   LVPECL/LVCMOS Fanout Buffer
logo
Integrated Circuit Syst...
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
   LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com