Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4031MFKB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031MFKB
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031MFKB Datasheet(HTML) 5 Page - Texas Instruments

  THS4031MFKB Datasheet HTML 1Page - Texas Instruments THS4031MFKB Datasheet HTML 2Page - Texas Instruments THS4031MFKB Datasheet HTML 3Page - Texas Instruments THS4031MFKB Datasheet HTML 4Page - Texas Instruments THS4031MFKB Datasheet HTML 5Page - Texas Instruments THS4031MFKB Datasheet HTML 6Page - Texas Instruments THS4031MFKB Datasheet HTML 7Page - Texas Instruments THS4031MFKB Datasheet HTML 8Page - Texas Instruments THS4031MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
THS4031
THS4032
www.ti.com
SLOS224G – JULY 1999 – REVISED MARCH 2010
ELECTRICAL CHARACTERISTICS (continued)
At TA = 25°C, VCC = ±15 V, and RL = 150 Ω (unless otherwise noted).
THS403xC, THS403xI
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP
MAX
DC PERFORMANCE
TA = 25°C
93
98
VCC = ±15 V, RL = 1 kΩ, VO = ±10 V
TA = full range
92
Open loop gain
dB
TA = 25°C
90
95
VCC = ±5 V, RL = 1 kΩ, VO = ±2.5 V
TA = full range
89
TA = 25°C
0.5
2
VOS
Input offset voltage
VCC = ±5 V or ±15 V
mV
TA = full range
3
TA = 25°C
3
6
IIB
Input bias current
VCC = ±5 V or ±15 V
mA
TA = full range
8
TA = 25°C
30
250
IOS
Input offset current
VCC = ±5 V or ±15 V
nA
TA = full range
400
Offset voltage drift
VCC = ±5 V or ±15 V
TA = full range
2
mV/°C
Input offset current drift
VCC = ±5 V or ±15 V
TA = full range
0.2
nA/°C
INPUT CHARACTERISTICS
VCC = ±15 V
±13.5
±14.0
Common-mode input voltage
VICR
V
range
VCC = ±5 V
±3.8
±4.0
TA = 25°C
85
95
VCC = ±15 V, VICR = ±12 V
TA = full range
80
CMRR Common-mode rejection ratio
dB
TA = 25°C
90
100
VCC = ±5 V, VICR = ±2.5 V
TA = full range
85
ri
Input resistance
2
M
Ci
Input capacitance
1.5
pF
OUTPUT CHARACTERISTICS
VCC = ±15 V
±13
±13.6
RL = 1 kΩ
VCC = ±5 V
±3.4
±3.8
VO
Output voltage swing
V
VCC = ±15 V
RL = 150 Ω
±12
±12.9
VCC = ±5 V
RL = 250 Ω
±3
±3.5
VCC = ±15 V
60
90
IO
Output current(4)
RL = 20 Ω
mA
VCC = ±5 V
50
70
ISC
Short-circuit current(4)
VCC = ±15 V
150
mA
RO
Output resistance
Open loop
13
POWER SUPPLY
Dual supply
±4.5
±16.5
VCC
Supply voltage operating range
V
Single supply
9
33
TA = 25°C
8.5
10
VCC = ±15 V
TA = full range
11
ICC
Supply current (each amplifier)
mA
TA = 25°C
7.5
9
VCC = ±5 V
TA = full range
10.5
TA = 25°C
85
95
PSRR
Power-supply rejection ratio
VCC = ±5 V or ±15 V
dB
TA = full range
80
(4)
Observe power dissipation ratings to keep the junction temperature below the absolute maximum rating when the output is heavily
loaded or shorted. See the Absolute Maximum Ratings table in this data sheet for more information.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS4031 THS4032


Similar Part No. - THS4031MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031MFKB TI1-THS4031MFKB Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
More results

Similar Description - THS4031MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031-EP TI-THS4031-EP Datasheet
1Mb / 37P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031CDR TI-THS4031CDR Datasheet
1Mb / 47P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS40321-EP TI-THS40321-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4032-EP TI1-THS4032-EP Datasheet
1Mb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4031 TI1-THS4031_16 Datasheet
1Mb / 47P
[Old version datasheet]   THS403x 100-MHz Low-Noise High-Speed Amplifiers
THS4021 TI-THS4021 Datasheet
366Kb / 22P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
THS4021 TI1-THS4021_16 Datasheet
1Mb / 29P
[Old version datasheet]   350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com