Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPGT-2SR470 Datasheet(PDF) 6 Page - World Produts Inc.

Part # WPGT-2SR470
Description  Gas Discharge Tubes
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPGT-2SR470 Datasheet(HTML) 6 Page - World Produts Inc.

Back Button WPGT-2SR470 Datasheet HTML 2Page - World Produts Inc. WPGT-2SR470 Datasheet HTML 3Page - World Produts Inc. WPGT-2SR470 Datasheet HTML 4Page - World Produts Inc. WPGT-2SR470 Datasheet HTML 5Page - World Produts Inc. WPGT-2SR470 Datasheet HTML 6Page - World Produts Inc. WPGT-2SR470 Datasheet HTML 7Page - World Produts Inc. WPGT-2SR470 Datasheet HTML 8Page - World Produts Inc. WPGT-2SR470 Datasheet HTML 9Page - World Produts Inc. WPGT-2SR470 Datasheet HTML 10Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Gas DischarGe Tubes
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 13.9
4 | Gas Discharge Tubes
2 Electrode Series
Part Numbering System
Examplepartnumber:
WPGT -
2R 800 B
8
L
C
TA
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(1)
World Products Gas Discharge Tubes
(2)
Series Code
2RM = 2 Electrode Mini Series
2R = 2 Electrode Standard Series and High Voltage Series
2N = 2 Electrode High Current Series
2T = 2 Electrode Switching Type
20B = 2 Electrode Extremely High Current Series
AE = 2 Electrode Standard, High Current, Ultra High Current & Screw Lead Series)
(3)
DC Breakdown Voltage
(Please reference specification to determine available voltage options for each series.)
70 = 70V
75 = 75V
90 = 90V
120 = 120V
130 = 130V
145 = 145V
150 = 150V
180 = 180V
230 = 230V
250 = 250V
300 = 300V
350 = 350V
400 = 400V
420 = 420V
470 = 470V
600S = 600V
800S = 800V
600 = 600V
700 = 700V
800 = 800V
1000 = 1000V
1200 = 1200V
1400 = 1400V
1600 = 1600V
2000 = 2000V
2500 = 2500V
2700 = 2700V
3000 = 3000V
3500 = 3500V
3600 = 3600V
4000 = 4000V
4500 = 4500V
5000 = 5000V
6000 = 6000V
(4)
Diameter (“D” Dimension)
A=5.5mm-2RMSeriesOnly
B = 8mm
D = 11 .8mm for AE Series
Nil=For20BSeries
(5)
Length (“T” Dimension)
6 = 6mm
8 = 8mm
10=10mm-HighVoltageSeriesOnly
12 = 12mm
17 = 17mm
Nil=For20BSeries
(6)
Lead Type
B = No Leads
Nil = No Leads for 20B Series
L = Axial lead (0 .8mm lead diameter)
L1 = Axial lead (1 .0mm lead diameter)
A1 = Radial lead (0 .8mm lead diameter)
B1 = Radial lead (1 .0mm lead diameter)
C1=RadialleadClip-instyle(1.0mmlead
diameter)
D1=RadialLeadClip-instyle(0.8mmlead
diameter)
D4 = Radial Lead for 20B Series
D5 = Tab Lead for 20B Series
S = Screw Lead Type for AE Series
(7)
Low Capacitance
(Only applicable for 2R & 2N, 70V – 145V)
C = Low capacitance of 0 .8pf
(8)
Taping Specifications
TA = Taped (Ammo Box)
TR = Tape & Reel


Similar Part No. - WPGT-2SR470

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPGT-2R800B8LCTA WPI-WPGT-2R800B8LCTA Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM1000 WPI-WPGT-2RM1000 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM120 WPI-WPGT-2RM120 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM1200 WPI-WPGT-2RM1200 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM130 WPI-WPGT-2RM130 Datasheet
1Mb / 34P
   Gas Discharge Tubes
More results

Similar Description - WPGT-2SR470

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com