Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8817 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME8817
Description  1.5A CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8817 Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8817 Datasheet HTML 1Page - Analog Microelectronics AME8817 Datasheet HTML 2Page - Analog Microelectronics AME8817 Datasheet HTML 3Page - Analog Microelectronics AME8817 Datasheet HTML 4Page - Analog Microelectronics AME8817 Datasheet HTML 5Page - Analog Microelectronics AME8817 Datasheet HTML 6Page - Analog Microelectronics AME8817 Datasheet HTML 7Page - Analog Microelectronics AME8817 Datasheet HTML 8Page - Analog Microelectronics AME8817 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Analog Microelectronics, Inc.
3
AME8817
1.5A CMOS LDO
PRELIMINAR
Y
n
n
n
n Absolute Maximum Ratings:
Parameter
Maximum
Unit
Input Voltage
8
V
Output Current
PD / (VIN - VO)
mA
Output Voltage
GND - 0.3 to VIN + 0.3
V
ESD Classification
B
n
n
n
n Recommended operating Conditions:
Parameter
Rating
Unit
Ambient Temperature Range
-40 to +85
oC
Junction Temperature
-40 to +125
oC
n
n
n
n Thermal Information
Maximum
Unit
60
oC / W
2.7
W
150
oC
300
oC
Caution: Stress above the listed absolute rating may cause permanent damage to the device
Maximum Lead Temperature ( 10 Sec)
Parameter
Thermal Resistance (
θjc)
Internal Power Dissipation (PD)
(
∆T = 100
oC)
Maximum Junction Temperature


Similar Part No. - AME8817

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8810 AME-AME8810 Datasheet
88Kb / 11P
   600mA CMOS LDO
AME8810 AME-AME8810 Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8810 AME-AME8810 Datasheet
134Kb / 12P
   600mA CMOS LDO
AME88101EGTZ AME-AME88101EGTZ Datasheet
134Kb / 12P
   600mA CMOS LDO
AME88102EGTZ AME-AME88102EGTZ Datasheet
134Kb / 12P
   600mA CMOS LDO
More results

Similar Description - AME8817

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_11 Datasheet
191Kb / 6P
   1.5A CMOS LDO
L11815B UTC-L11815B_10 Datasheet
161Kb / 6P
   1.5A CMOS LDO
L11815A UTC-L11815A_12 Datasheet
186Kb / 4P
   1.5A CMOS LDO
L11815B UTC-L11815B Datasheet
167Kb / 6P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8815 AME-AME8815 Datasheet
113Kb / 17P
   1.5A CMOS LDO
logo
Unisonic Technologies
L11815A UTC-L11815A_15 Datasheet
199Kb / 4P
   1.5A CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816_08 Datasheet
304Kb / 18P
   1.5A CMOS LDO
AME8865 AME-AME8865 Datasheet
471Kb / 25P
   1.5A CMOS LDO
AME8815 AME-AME8815_09 Datasheet
254Kb / 28P
   1.5A CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com