Electronic Components Datasheet Search |
|
THS4032 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
THS4032 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 47 page THS4031 THS4032 SLOS224G – JULY 1999 – REVISED MARCH 2010 www.ti.com RECOMMENDED OPERATING CONDITIONS MIN NOM MAX UNIT Dual supply ±4.5 ±16 VCC+ and VCC– Supply voltage V Single supply 9 32 C-suffix 0 70 Operating free-air TA I-suffix –40 85 °C temperature M-suffix –55 125 ELECTRICAL CHARACTERISTICS At TA = 25°C, VCC = ±15 V, and RL = 150 Ω (unless otherwise noted). THS403xC, THS403xI PARAMETER TEST CONDITIONS(1) UNIT MIN TYP MAX DYNAMIC PERFORMANCE VCC = ±15 V 100 Small-signal bandwidth (–3 dB) Gain = –1 or 2 MHz VCC = ±5 V 90 VCC = ±15 V 50 BW Bandwidth for 0.1-dB flatness Gain = –1 or 2 MHz VCC = ±5 V 45 VO(pp) = 20 V, VCC = ±15 V 2.3 Full power bandwidth(2) RL = 1 kΩ MHz VO(pp) = 5 V, VCC = ±5 V 7.2 VCC = ±15 V, 20-V step 100 SR Slew rate(3) Gain = –1 V/ms VCC = ±5 V, 5-V step 80 VCC = ±15 V, 5-V step 60 Settling time to 0.1% Gain = –1 ns VCC = ±5 V, 2.5-V step 45 tS VCC = ±15 V, 5-V step 90 Settling time to 0.01% Gain = –1 ns VCC = ±5 V, 2.5-V step 80 NOISE/DISTORTION PERFORMANCE RL = 150 Ω –81 THS4031 RL = 1 kΩ –96 Total harmonic VCC = ±5 V or ±15 V, VO(pp) = 2 V, THD dBc distortion f = 1 MHz Gain = 2 RL = 150 Ω –72 THS4032 RL = 1 kΩ –90 Vn Input voltage noise VCC = ±5 V or ±15 V, f > 10 kHz 1.6 nV/ √Hz In Input current noise VCC = ±5 V or ±15 V, f > 10 kHz 1.2 pA/ √Hz VCC = ±15 V 0.015% Differential gain error VCC = ±5 V 0.02% Gain = 2, NTSC and PAL, 40 IRE modulation, ±100 IRE ramp VCC = ±15 V 0.025 Differential phase error ° VCC = ±5 V 0.03 Channel-to-channel crosstalk VCC = ±5 V or ±15 V, f = 1 MHz –61 dBc (THS4032 only) (1) Full range = 0°C to 70°C for THS403xC and –40°C to 85°C for THS403xI suffix. (2) Full power bandwidth = slew rate / [ √2 pVOC(Peak)]. (3) Slew rate is measured from an output level range of 25% to 75%. 4 Submit Documentation Feedback Copyright © 1999–2010, Texas Instruments Incorporated Product Folder Link(s): THS4031 THS4032 |
Similar Part No. - THS4032 |
|
Similar Description - THS4032 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |