Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3110DGNR Datasheet(PDF) 6 Page - Texas Instruments

Part # THS3110DGNR
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3110DGNR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS3110DGNR Datasheet HTML 2Page - Texas Instruments THS3110DGNR Datasheet HTML 3Page - Texas Instruments THS3110DGNR Datasheet HTML 4Page - Texas Instruments THS3110DGNR Datasheet HTML 5Page - Texas Instruments THS3110DGNR Datasheet HTML 6Page - Texas Instruments THS3110DGNR Datasheet HTML 7Page - Texas Instruments THS3110DGNR Datasheet HTML 8Page - Texas Instruments THS3110DGNR Datasheet HTML 9Page - Texas Instruments THS3110DGNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
THS3110
THS3111
SLOS422E – SEPTEMBER 2003 – REVISED OCTOBER 2009........................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS
VS = ±5 V, RF = 1.15 Ω, RL = 100 Ω, and G = 2, unless otherwise noted.
TYP
OVER TEMPERATURE
MIN/TYP/
PARAMETER
TEST CONDITIONS
UNIT
0°C to
–40°C to
MAX
+25°C
+25°C
+70°C
+85°C
AC PERFORMANCE
G = 1, RF = 1.5 kΩ, VO = 200 mVPP
85
G = 2, RF = 1.15 kΩ, VO = 200 mVPP
78
Small-signal bandwidth, –3 dB
G = 5, RF = 806 Ω, VO = 200 mVPP
80
MHz
TYP
G = 10, RF = 604 Ω, VO = 200 mVPP
60
0.1-dB bandwidth flatness
G = 2, RF = 1.15 kΩ, VO = 200 mVPP
15
Large-signal bandwidth
G = 5, RF = 806 Ω, VO = 4 VPP
80
G = 1, VO = 4-V step, RF = 1.5 kΩ
640
Slew rate (25% to 75% level)
V/
μs
TYP
G = 2, VO = 4-V step, RF = 1 kΩ
700
Recommended maximum SR for
Slew rate
900
V/
μs
MAX
repetitive signals(1)
Rise and fall time
G = –5, VO = 5-V step, RF = 806 Ω
7
ns
TYP
Settling time to 0.1%
G = –2, VO = 2 VPP step
20
ns
TYP
Settling time to 0.01%
G = –2, VO = 2 VPP step
200
Harmonic distortion
RL = 100 Ω
55
2nd harmonic distortion
G = 2,
RL = 1 kΩ
56
RF = 1 kΩ,
dBc
TYP
VO = 2 VPP,
RL = 100 Ω
45
f = 10 MHz
3rd harmonic distortion
RL = 1 kΩ
62
Input voltage noise
f > 20 kHz
3
nV/
√Hz
TYP
Noninverting input current noise
f > 20 kHz
2
pA/
√Hz
TYP
Inverting input current noise
f > 20 kHz
10
pA/
√Hz
TYP
NTSC
0.011%
Differential gain
G = 2,
PAL
0.015%
RL = 150 Ω,
TYP
NTSC
0.020°
RF = 1 kΩ
Differential phase
PAL
0.033°
DC PERFORMANCE
Transimpedance
VO = ±1.25 V, gain = 1
1
0.75
0.5
0.5
M
MIN
Input offset voltage
6
10
12
12
mV
MAX
VCM = 0 V
Average offset voltage drift
±10
±10
μV/°C
TYP
Noninverting input bias current
1
4
6
6
μA
MAX
VCM = 0 V
Average bias current drift
±10
±10
nA/°C
TYP
Inverting input bias current
1
8
10
10
μA
MAX
VCM = 0 V
Average bias current drift
±10
±10
nA/°C
TYP
Input offset current
1
6
8
8
μA
MAX
VCM = 0 V
Average offset current drift
±20
±20
nA/°C
TYP
INPUT CHARACTERISTICS
Input common-mode voltage range
±3.2
±2.9
±2.8
±2.8
V
MIN
Common-mode rejection ratio
VCM = ±2.5 V
65
62
58
58
dB
MIN
Noninverting input resistance
35
M
TYP
Noninverting input capacitance
0.5
pF
TYP
OUTPUT CHARACTERISTICS
RL = 1 kΩ
±4
±3.8
±3.6
±3.6
Output voltage swing
V
MIN
RL = 100 Ω
±3.8
±3.7
±3.5
±3.5
Output current (sourcing)
RL = 10 Ω
220
150
125
125
mA
MIN
Output current (sinking)
RL = 10 Ω
220
150
125
125
mA
MIN
Output impedance
f = 1 MHz, closed loop
0.15
TYP
(1)
For more information, see the Application Information section of this data sheet.
6
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3110 THS3111


Similar Part No. - THS3110DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3110DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
National Semiconductor ...
CLC5801 NSC-CLC5801 Datasheet
462Kb / 14P
   High Speed Low Noise Voltage Feedback Amplifier
logo
STMicroelectronics
TSH350 STMICROELECTRONICS-TSH350_07 Datasheet
309Kb / 22P
   550MHz low noise current feedback amplifier
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
LM6311 TI1-LM6311 Datasheet
476Kb / 16P
[Old version datasheet]   Low Noise High Speed Voltage Feedback Operational Amplifier
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com