Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3001CDG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001CDG4
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001CDG4 Datasheet(HTML) 1 Page - Texas Instruments

  THS3001CDG4 Datasheet HTML 1Page - Texas Instruments THS3001CDG4 Datasheet HTML 2Page - Texas Instruments THS3001CDG4 Datasheet HTML 3Page - Texas Instruments THS3001CDG4 Datasheet HTML 4Page - Texas Instruments THS3001CDG4 Datasheet HTML 5Page - Texas Instruments THS3001CDG4 Datasheet HTML 6Page - Texas Instruments THS3001CDG4 Datasheet HTML 7Page - Texas Instruments THS3001CDG4 Datasheet HTML 8Page - Texas Instruments THS3001CDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
DGN−8
D−8
NC − No internal connection
1
2
3
4
8
7
6
5
NC
IN −
IN +
VCC−
NC
VCC+
OUT
NC
THS3001
D OR DGN PACKAGE
(TOP VIEW)
f − Frequency − Hz
OUTPUT AMPLITUDE
vs FREQUENCY
5
3
1
−1
1M
100M
6
4
2
0
10M
1G
100k
7
8
G = 2
RL = 150 Ω
VI = 200 mV RMS
HARMONIC DISTORTION
vs FREQUENCY
−70
−80
−90
−100
−75
−85
−95
Gain = 2
VCC = ±15 V
VO = 2 VPP
RL = 150 Ω
RF = 750 Ω
100k
1M
10M
f − Frequency − Hz
VCC = ±15 V
RF = 680 Ω
VCC = ±5 V
RF = 750 Ω
3rd Harmonic
2nd Harmonic
THS3001
www.ti.com................................................................................................................................................. SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
Check for Samples: THS3001
1
FEATURES
APPLICATIONS
Communication
2
High Speed:
Imaging
420-MHz Bandwidth (G = 1, -3 dB)
High-Quality Video
6500-V/
μs Slew Rate
40-ns Settling Time (0.1%)
High Output Drive: IO = 100 mA
Excellent Video Performance
115-MHz Bandwidth (0.1 dB, G = 2)
0.01% Differential Gain
0.02° Differential Phase
Low 3-mV (max) Input Offset Voltage
Very Low Distortion:
THD = –96 dBc at f = 1 MHz
RELATED DEVICES
THD = –80 dBc at f = 10 MHz
THS4011 /2
290-MHz VFB High-Speed Amplifier
Wide Range of Power Supplies:
THS6012
500-mA CFB HIgh-Speed Amplifier
VCC = ±4.5 V to ±16 V
THS6022
250-mA CFB High-Speed Amplifier
Evaluation Module Available
DESCRIPTION
The THS3001 is a high-speed current-feedback operational amplifier, ideal for communication, imaging, and
high-quality video applications. This device offers a very fast 6500-V/
μs slew rate, a 420-MHz bandwidth, and
40-ns settling time for large-signal applications requiring excellent transient response. In addition, the THS3001
operates with a very low distortion of –96 dBc, making it well suited for applications such as wireless
communication basestations or ultrafast ADC or DAC buffers.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS3001CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001CDGN TI-THS3001CDGN Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results

Similar Description - THS3001CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001-DIE TI1-THS3001-DIE Datasheet
64Kb / 4P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
logo
Elantec Semiconductor
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com