Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE20V8Q-7PI Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # PALCE20V8Q-7PI
Description  EE CMOS 24-Pin Universal Programmable Array Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE20V8Q-7PI Datasheet(HTML) 1 Page - Advanced Micro Devices

  PALCE20V8Q-7PI Datasheet HTML 1Page - Advanced Micro Devices PALCE20V8Q-7PI Datasheet HTML 2Page - Advanced Micro Devices PALCE20V8Q-7PI Datasheet HTML 3Page - Advanced Micro Devices PALCE20V8Q-7PI Datasheet HTML 4Page - Advanced Micro Devices PALCE20V8Q-7PI Datasheet HTML 5Page - Advanced Micro Devices PALCE20V8Q-7PI Datasheet HTML 6Page - Advanced Micro Devices PALCE20V8Q-7PI Datasheet HTML 7Page - Advanced Micro Devices PALCE20V8Q-7PI Datasheet HTML 8Page - Advanced Micro Devices PALCE20V8Q-7PI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Publication# 16491
Rev. D
Amendment /0
Issue Date: February 1996
2-155
Advanced
Micro
Devices
PALCE20V8 Family
EE CMOS 24-Pin Universal Programmable Array Logic
FINAL
COM’L: H-5/7/10/15/25, Q-10/15/25
IND: H-15/25, Q-20/25
DISTINCTIVE CHARACTERISTICS
s Pin and function compatible with all GAL
20V8/As
s Electrically erasable CMOS technology pro-
vides reconfigurable logic and full testability
s High-speed CMOS technology
— 5-ns propagation delay for “-5” version
— 7.5-ns propagation delay for “-7” version
s Direct plug-in replacement for a wide range of
24-pin PAL devices
s Programmable enable/disable control
s Outputs individually programmable as
registered or combinatorial
s Peripheral Component Interconnect (PCI)
compliant
s Preloadable output registers for testability
s Automatic register reset on power-up
s Cost-effective 24-pin plastic SKINNYDIP and
28-pin PLCC packages
s Extensive third-party software and programmer
support through FusionPLD partners
s Fully tested for 100% programming and func-
tional yields and high reliability
s Programmable output polarity
s 5-ns version utilizes a split leadframe for
improved performance
GENERAL DESCRIPTION
The PALCE20V8 is an advanced PAL device built with
low-power, high-speed, electrically-erasable CMOS
technology. Its macrocells provide a universal device
architecture. The PALCE20V8 is fully compatible with
the GAL20V8 and can directly replace PAL20R8 series
devices and most 24-pin combinatorial PAL devices.
Device logic is automatically configured according to the
user’s design specification. A design is implemented
using any of a number of popular design software pack-
ages, allowing automatic creation of a programming file
based on Boolean or state equations. Design software
also verifies the design and can provide test vectors for
the finished device. Programming can be accomplished
on standard PAL device programmers.
The PALCE20V8 utilizes the familiar sum-of-products
(AND/OR) architecture that allows users to implement
complex logic functions easily and efficiently. Multiple
levels of combinatorial logic can always be reduced to
sum-of-products form, taking advantage of the very
wide input gates available in PAL devices. The equa-
tions are programmed into the device through floating-
gate cells in the AND logic array that can be erased
electrically.
The fixed OR array allows up to eight data product terms
per output for logic functions. The sum of these products
feeds the output macrocell. Each macrocell can be
programmed as registered or combinatorial with an
active-high or active-low output. The output configura-
tion is determined by two global bits and one local bit
controlling four multiplexers in each macrocell.
16491D-1
MACRO
MACRO
MACRO
MACRO
MACRO
MACRO
MACRO
MACRO
MC0
MC7
MC6
MC5
MC4
MC3
MC2
MC1
I1 – I10
CLK/I0
OE/I11 I12
I/O0
I/O1
I/O2
I/O4
I/O4
I/O5
I/O6
I/O7
I13
10
Input
Mux.
Input
Mux.
BLOCK DIAGRAM
Programmable AND Array
40 x 64


Similar Part No. - PALCE20V8Q-7PI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE20V8Q-15JC/4 LATTICE-PALCE20V8Q-15JC/4 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
PALCE20V8Q-15PC/4 LATTICE-PALCE20V8Q-15PC/4 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
PALCE20V8Q-20JI/4 LATTICE-PALCE20V8Q-20JI/4 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
PALCE20V8Q-20PI/4 LATTICE-PALCE20V8Q-20PI/4 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
PALCE20V8Q-25JC/4 LATTICE-PALCE20V8Q-25JC/4 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
More results

Similar Description - PALCE20V8Q-7PI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PAL20R AMD-PAL20R Datasheet
1Mb / 27P
   24-Pin TTL Programmable Array Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com