Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD00297243 Datasheet(PDF) 6 Page - STMicroelectronics

Part No. CD00297243
Description  Dual N-channel 30 V, 0.016 ohm typ., 11 A STripFET
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

CD00297243 Datasheet(HTML) 6 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STL40DN3LLH5
6/14
Doc ID 18416 Rev 3
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperature
Figure 7.
Static drain-source on-resistance
ID
100
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s a
rea
is
Limited
by
m
ax
R
DS
(on)
1s
100ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
AM14982v1
10
-5
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-6
10
-3
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
10
-5
10
-4
10
-2
10
-1
10
0
10
0
10
1
10
2
Zth_PCB_PowerFLAT
ID
60
40
20
0
0
1
VDS(V)
3
(A)
2
4
5V
4V
3V
VGS=10V
10
30
50
70
AM14983v1
ID
15
10
5
0
3
VGS(V)
(A)
2
4
20
25
30
35
VDS=4V
AM14984v1
BVDSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.85
0.90
0.95
1.00
1.05
1.10
125 150
ID=1mA
AM14985v1
RDS(on)
15
10
5
0
0
15
ID(A)
(m
Ω)
10
20
VGS=10V
5
25
AM14986v1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn