Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA12-600BW Datasheet(PDF) 11 Page - STMicroelectronics

Part # BTA12-600BW
Description  Medium current triac
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA12-600BW Datasheet(HTML) 11 Page - STMicroelectronics

Back Button BTA12-600BW Datasheet HTML 4Page - STMicroelectronics BTA12-600BW Datasheet HTML 5Page - STMicroelectronics BTA12-600BW Datasheet HTML 6Page - STMicroelectronics BTA12-600BW Datasheet HTML 7Page - STMicroelectronics BTA12-600BW Datasheet HTML 8Page - STMicroelectronics BTA12-600BW Datasheet HTML 9Page - STMicroelectronics BTA12-600BW Datasheet HTML 10Page - STMicroelectronics BTA12-600BW Datasheet HTML 11Page - STMicroelectronics BTA12-600BW Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BTA12, BTB12, T12xx
Ordering information
11/12
4
Ordering information
5
Revision history
Table 11.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery
mode
BTA/BTB12-xxxyzRG
BTA/BTB12-xxxyz
TO-220AB
2.3 g
50
Tube
T1210-xxxG-TR
T1210-xxxG
D2PAK
1.5 g
1000
Tape and reel
T1235-xxxG
T1235xxxG
D2PAK
1.5 g
50
Tube
T1235-xxxG-TR
T1235xxxG
1000
Tape and reel
T1235-xxxR
T1235-xxxR
I2PAK
1.5 g
50
Tube
T1250-xxxG-TR
T1250xxxG
D2PAK
1.5 g
1000
Tape and reel
Note: xxx = voltage, y = sensitivity, z = type
Table 12.
Revision history
Date
Revision
Changes
Sep-2002
6A
Last update.
25-Mar-2005
7
1. I2PAK package added.
2. TO-220AB delivery mode changed from bulk to tube.
27-May-2005
8
T1210 added
28-Sep-2007
9
Reformatted to current standards. T1250 added


Similar Part No. - BTA12-600BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-600BW STMICROELECTRONICS-BTA12-600BW Datasheet
116Kb / 7P
   12A TRIACS
logo
Kersemi Electronic Co.,...
BTA12-600BW KERSEMI-BTA12-600BW Datasheet
1,011Kb / 5P
   12A TRIACS
logo
Inchange Semiconductor ...
BTA12-600BW ISC-BTA12-600BW Datasheet
107Kb / 1P
   With TO-220AB insulated package
logo
HAOPIN MICROELECTRONICS...
BTA12-600BW HAOPIN-BTA12-600BW Datasheet
490Kb / 5P
   Blocking voltage to 600 V
logo
ON Semiconductor
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results

Similar Description - BTA12-600BW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
20T NELLSEMI-20T Datasheet
595Kb / 5P
   Medium current triac
logo
STMicroelectronics
T1610T-8T STMICROELECTRONICS-T1610T-8T Datasheet
329Kb / 9P
   Medium current Triac
October 2014 Rev 1
T1635T-8FP STMICROELECTRONICS-T1635T-8FP Datasheet
269Kb / 9P
   Medium current Triac
January 2015 Rev 3
T1610T-8FP STMICROELECTRONICS-T1610T-8FP Datasheet
357Kb / 9P
   Medium current Triac
February 2015 Rev 2
T1635T-8T STMICROELECTRONICS-T1635T-8T Datasheet
272Kb / 9P
   Medium current Triac
July 2014 Rev 3
logo
Renesas Technology Corp
BCR8PM-14LD RENESAS-BCR8PM-14LD Datasheet
133Kb / 8P
   Triac Medium Power Use
BCR30AM-12LA RENESAS-BCR30AM-12LA Datasheet
107Kb / 7P
   Triac Medium Power Use
BCR5PM-12LA RENESAS-BCR5PM-12LA Datasheet
111Kb / 8P
   Triac Medium Power Use
BCR16PM-12LA RENESAS-BCR16PM-12LA Datasheet
103Kb / 8P
   Triac Medium Power Use
BCR10KM-12LA RENESAS-BCR10KM-12LA Datasheet
140Kb / 8P
   Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com