Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8520 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8520
Description  Micropower uP Watch Dog Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8520 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8520 Datasheet HTML 2Page - Analog Microelectronics AME8520 Datasheet HTML 3Page - Analog Microelectronics AME8520 Datasheet HTML 4Page - Analog Microelectronics AME8520 Datasheet HTML 5Page - Analog Microelectronics AME8520 Datasheet HTML 6Page - Analog Microelectronics AME8520 Datasheet HTML 7Page - Analog Microelectronics AME8520 Datasheet HTML 8Page - Analog Microelectronics AME8520 Datasheet HTML 9Page - Analog Microelectronics AME8520 Datasheet HTML 10Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AME, Inc.
7
AME8510 / 8520 / 8530
Micropower
µµµµµP Watch Dog Timer
Parameter
Rating
Unit
Supply Voltage
0.9 - 5
V
Ambient Temperature Range
- 40 to + 85
oC
Junction Temperature
- 40 to + 125
oC
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
Parameter
Maximum
Unit
Supply Voltage
6
V
ESD Classification
B
Maximum
Unit
256
oC / W
150
oC
300
oC
Thermal Resistance (SOT-25)
Maximum Junction Temperature
Parameter
Maximum Lead Temperature (10 Sec)


Similar Part No. - AME8520

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8520 AME-AME8520 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
AME8520AEEVEFE26 AME-AME8520AEEVEFE26 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
AME8520AEEVEFE29 AME-AME8520AEEVEFE29 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
AME8520AEEVEFE31 AME-AME8520AEEVEFE31 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
AME8520AEEVEFE44 AME-AME8520AEEVEFE44 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
More results

Similar Description - AME8520

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39001EKV-C ROHM-BD39001EKV-C Datasheet
1Mb / 56P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Cypress Semiconductor
MB3773 CYPRESS-MB3773 Datasheet
695Kb / 31P
   Power Supply Monitor with Watch-Dog Timer
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
   System Reset (Built-in Watch Dog Timer)
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
   3 1/2 Digit Timer Watch
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com