Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME811CPL Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME811CPL
Description  3-1/2 Digit A/D Converter - Low Power With HOLD And Differential Reference Inputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME811CPL Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME811CPL Datasheet HTML 6Page - Analog Microelectronics AME811CPL Datasheet HTML 7Page - Analog Microelectronics AME811CPL Datasheet HTML 8Page - Analog Microelectronics AME811CPL Datasheet HTML 9Page - Analog Microelectronics AME811CPL Datasheet HTML 10Page - Analog Microelectronics AME811CPL Datasheet HTML 11Page - Analog Microelectronics AME811CPL Datasheet HTML 12Page - Analog Microelectronics AME811CPL Datasheet HTML 13Page - Analog Microelectronics AME811CPL Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Analog Microelectronics, Inc.
10
AME811/AME811A/AME811R
3-1/2 Digit A/D Converter - Low Power
With HOLD And Differential Reference Inputs
Test
When the TEST is pulled to V+ all segments and the
minus sign will be activated. The TEST pin is tied to
the internally generated digital ground through a 500
resistor in the AME811. It is typically 5V lower than V+.
TEST pin may be used as the negative power supply
for external CMOS logic at the maximum current of 1
mA.
Data Hold
When the Hold pin is connected to V+ the conversion
result will not be updated. The conversion is still free
running during the hold mode.
Integration Status (INTEN)
The INTEN is an output signal of the converter, it is
“high” during the signal integration phase. This signal
can be used as a status indicator or a control to con-
nect the analog signal to the converter for processing.
It is available in 44 pin package.
De-integration Status (DEEN)
The DEEN is an output signal of the converter, it is
“high” during the reference de-integration phase. The
period of the DEEN is proportional to the conversion
result. Users may calculate the conversion result by
counting the number of clock pulse on the OSC3 pin
when DEEN is “high”. The conversion result is equal
to (N /4) - 1/2 where N is the number of the pulse at the
OSC3 pin. It is available in 44 pin package.
n
n
n
n
n Component Value Selection
Auto-Zero Capacitor (Caz)
The Caz capacitor size has some influence on system
noise. A 0.47
µF capacitor is recommended for 200
mV full-scale applications. A 0.047
µF capacitor is rec-
ommended for 2.0V full-scale applications. A mylar
dielectric capacitor is adequate.
Reference Capacitor (Cref)
A 0.1
µF capacitor is acceptable when “INLO” is tied
to analog common. If a large common-mode voltage
exists and the application requires 200 mV full-scale,
increase Cref to 1.0
µF. A mylar dielectric capacitor is
adequate.


Similar Part No. - AME811CPL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8500 AME-AME8500 Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500 AME-AME8500 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEET AME-AME8500AEET Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500AEETAA15 AME-AME8500AEETAA15 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEETAA16 AME-AME8500AEETAA16 Datasheet
410Kb / 14P
   UProcessor Supervisory
More results

Similar Description - AME811CPL

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136_V01 Datasheet
1Mb / 5P
   Low Power, 31?? Digit A/D Converter with Display Hold
2012
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
   31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
logo
Analog Microelectronics
AME7106 AME-AME7106 Datasheet
1Mb / 20P
   3-1/2 Digit A/D Converter High Accuracy, Low Power
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Microchip Technology
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
   3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com