Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPGT-2T1000 Datasheet(PDF) 7 Page - World Produts Inc.

Part # WPGT-2T1000
Description  Gas Discharge Tubes
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPGT-2T1000 Datasheet(HTML) 7 Page - World Produts Inc.

Back Button WPGT-2T1000 Datasheet HTML 3Page - World Produts Inc. WPGT-2T1000 Datasheet HTML 4Page - World Produts Inc. WPGT-2T1000 Datasheet HTML 5Page - World Produts Inc. WPGT-2T1000 Datasheet HTML 6Page - World Produts Inc. WPGT-2T1000 Datasheet HTML 7Page - World Produts Inc. WPGT-2T1000 Datasheet HTML 8Page - World Produts Inc. WPGT-2T1000 Datasheet HTML 9Page - World Produts Inc. WPGT-2T1000 Datasheet HTML 10Page - World Produts Inc. WPGT-2T1000 Datasheet HTML 11Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Gas DischarGe Tubes
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 13.9
Gas Discharge Tubes | 5
2 Electrode Mini Series (2RM)
Specifications
Base
Part Number
DC
Breakdown
Voltage
(V)
Maximum
Impulse
Breakdown
Voltage
(V)
Maximum
Impulse Discharge
Current
(8/20µs)
(KA)
Alternating
Discharge
Current
(A)
Impulse
Life
(10/1000µs)
(100A)
DC
Holdover
Voltage
(V)
Minimum
Insulation
Resistance
(GΩ)
Maximum
Capacitance
(pf)
100V/s
100V/µs 1000V/µs
1 time
10 times
(5 times
each
polarity)
50Hz,
1 sec
Single
9 cycles
times
<150ms
*
1MHz
WPGT-2RM70
70 ± 20%
700
800
10
5
5
20
300
52
1
1
WPGT-2RM75
75 ± 20%
700
800
10
5
5
20
300
52
1
1
WPGT-2RM90
90 ± 20%
600
700
10
5
5
20
300
52
1
1
WPGT-2RM120
120 ± 15%
600
700
10
5
5
20
300
52
1
1
WPGT-2RM130
130 ± 15%
600
700
10
5
5
20
300
52
1
1
WPGT-2RM145
145 ± 15%
600
700
10
5
5
20
300
52
1
1
WPGT-2RM150
150 ± 15%
600
700
10
5
5
20
300
52
1
1
WPGT-2RM180
180 ± 15%
600
700
10
5
5
20
300
80
1
1
WPGT-2RM230
230 ± 15%
600
700
10
5
5
20
300
80
1
1
WPGT-2RM250
250 ± 15%
600
700
10
5
5
20
300
80
1
1
WPGT-2RM300
300 ± 15%
700
900
10
5
5
20
300
150
1
1
WPGT-2RM350
350 ± 15%
700
900
10
5
5
20
300
150
1
1
WPGT-2RM400
400 ± 15%
800
1000
10
5
5
20
300
150
1
1
WPGT-2RM470
470 ± 15%
1000
1200
10
5
5
20
300
150
1
1
WPGT-2RM600
600 ± 20%
1300
1500
5
2 .5
2 .5
5
300
150
1
1
WPGT-2RM800
800 ± 20%
1500
1700
5
2 .5
2 .5
5
300
150
1
1
WPGT-2RM1000
1000 ± 20%
1600
1800
3
1 .5
2
4
300
150
1
1
WPGT-2RM1200
1200 ± 20%
1800
2000
1
1
WPGT-2RM1400
1400 ± 20%
2200
2400
1
1
WPGT-2RM1600
1600 ± 20%
2400
2600
1
1
WPGT-2RM2000
2000 ± 20%
2800
3000
1
1
WPGT-2RM2500
2500 ± 20%
3300
3500
1
1
WPGT-2RM3000
3000 ± 20%
3800
4000
1
1
WPGT-2RM3500
3500 ± 20%
4300
4500
1
1
WPGT-2RM3600
3600 ± 20%
4400
4600
1
1
UL497B Recognized, File #E135015 (through WPGT-2RM800).
UL1449 and C-UL 3rd Edition Recognized, File# E321567
(WPGT-2RM1000 – WPGT-2RM3600)
T
L
D
d
T
D
L TYPE (d) = 0.8mm
L1 TYPE (d) = 1.0mm
B TYPE
5.5 ± 0.5mm
12.7 ± 0.3mm
12.7 ± 0.3mm
T
6.0 ± 0.5mm
T
D
C1 TYPE (d) = 1.0mm
D1 TYPE (d) = 0.8mm
A1 TYPE (d) = 0.8mm
B1 TYPE (d) = 1.0mm
Dimensions
Unit: mm
Item
Dimensions
D
5 .5 ± 0 .3
T
6 .0 ± 0 .3
d
0 .8 or 1 .0 ± 0 .05
L
24 Min .
*DC Breakdown Voltage
DC Measuring Voltage
70-90V
50V
120-400V
100V
470-800V
250V
1000-2000V
500V
2500-4000V
1000V


Similar Part No. - WPGT-2T1000

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPGT-2R800B8LCTA WPI-WPGT-2R800B8LCTA Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM1000 WPI-WPGT-2RM1000 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM120 WPI-WPGT-2RM120 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM1200 WPI-WPGT-2RM1200 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM130 WPI-WPGT-2RM130 Datasheet
1Mb / 34P
   Gas Discharge Tubes
More results

Similar Description - WPGT-2T1000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com