Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME7702 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME7702
Description  Switched Capacitor Voltage Doublers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7702 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME7702 Datasheet HTML 1Page - Analog Microelectronics AME7702 Datasheet HTML 2Page - Analog Microelectronics AME7702 Datasheet HTML 3Page - Analog Microelectronics AME7702 Datasheet HTML 4Page - Analog Microelectronics AME7702 Datasheet HTML 5Page - Analog Microelectronics AME7702 Datasheet HTML 6Page - Analog Microelectronics AME7702 Datasheet HTML 7Page - Analog Microelectronics AME7702 Datasheet HTML 8Page - Analog Microelectronics AME7702 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Analog Microelectronics, Inc.
1
AME7700/AME7701/AME7702
Switched Capacitor Voltage Doublers
Preliminary
n
n
n
n
n Features
l Small packages: SOT-25, SOT-26
l +1.5V to +5.5V Input Range
l 60uA Quiescent Current ( AME7700)
l 99% Conversion Efficiency
l Output Current Exceeding 100mA
l User Selectable Frequency ( AME7702)
n
n
n
n
n General Description
The AME7700 series of economical, Charge-Pump
Converters efficiently double a +1.5V to +5.5V input to
+3.0V to +11V, with a working current exceeding 100mA.
Due to their simplicity, small size, and performance,
these CMOS converters have numerous applications.
For most cases, only (2) external capacitors are re-
quired, however, in some cases, a single capacitor is
acceptable. Minimum capacitance is obtained with the
AME7701, while the AME7700 offers the lowest stand-
by current. The AME7702 has a Frequency-Select pin
for added flexibility. The input voltage can be tripled or
quadrupled by cascading 2 Charge-Pumps. A single
alkaline battery
With it’s low start-up voltage, a single alkaline battery
can be configured with (2) AME7700’s to quadruple the
voltage and produce 5V out. Alternately, with a 5V
source, (2) AME7700’s can be configured to triple the
voltage and produce 15V out.
n
n
n
n
n Applications
l Cellular Phones
l Digital Cameras
l Battery Chargers
l High Tech Flashlights
l PDA’s - LCD displays
l Consumer Electronics
l Pagers
n
n
n
n
n Pin Configuration
l Portable Electronics
4
5
12
3
AME7700
AME7701
n
n
n
n
n Typical Connection
4
5
1
2
3
6
AME7702
AME 7700/7701
SOT-25 Top View
SOT-26 Top View
1: GND
4: IN
1: GND
4: IN
2: OUT
5: CP
2: CN
5: FC
3: CN
3: OUT
6: CP
V
OUT
V
IN
DC
OUT
CN
GND
IN
CP
C1
C2


Similar Part No. - AME7702

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
AME7720BEEV500Y AKM-AME7720BEEV500Y Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
AME7720BEEV500Z AKM-AME7720BEEV500Z Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
AME7720BEEY500Y AKM-AME7720BEEY500Y Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
AME7720BEEY500Z AKM-AME7720BEEY500Z Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
More results

Similar Description - AME7702

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1682 MAXIM-MAX1682 Datasheet
81Kb / 8P
   Switched-Capacitor Voltage Doublers
Rev 1; 8/98
547799 MAXIM-547799 Datasheet
181Kb / 9P
   Switched-Capacitor Voltage Doublers
Rev 3; 11/10
MAX1682 MAXIM-MAX1682_V01 Datasheet
181Kb / 9P
   Switched-Capacitor Voltage Doublers
2010
MAX1682EUK MAXIM-MAX1682EUK Datasheet
181Kb / 9P
   Switched-Capacitor Voltage Doublers
Rev 3; 11/10
MAX1683EUKT MAXIM-MAX1683EUKT Datasheet
187Kb / 9P
   Switched-Capacitor Voltage Doublers
Rev 3; 11/10
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com