Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME811 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME811
Description  3-1/2 Digit A/D Converter - Low Power With HOLD And Differential Reference Inputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME811 Datasheet(HTML) 3 Page - Analog Microelectronics

  AME811 Datasheet HTML 1Page - Analog Microelectronics AME811 Datasheet HTML 2Page - Analog Microelectronics AME811 Datasheet HTML 3Page - Analog Microelectronics AME811 Datasheet HTML 4Page - Analog Microelectronics AME811 Datasheet HTML 5Page - Analog Microelectronics AME811 Datasheet HTML 6Page - Analog Microelectronics AME811 Datasheet HTML 7Page - Analog Microelectronics AME811 Datasheet HTML 8Page - Analog Microelectronics AME811 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Analog Microelectronics, Inc.
3
AME811/AME811A/AME811R
3-1/2 Digit A/D Converter - Low Power
With HOLD And Differential Reference Inputs
Notes: 1. Input voltage may exceed the supply voltages provided the input current is limited to
±100µA.
2. Dissipation rating assumes a device is mounted with all leads soldered to printed circuit board.
Parameter
Conditions
Min
Typ
Max
Unit
Vin = 0V
-0
w 0
+0 Digital Reading
Full-Scale = 200.0mV
Ratiometric Reading
Vin = Vref = 100.0mV
999 999/1000 1000 Digital Reading
Roll-Over Error
(Difference in Reading for
Equal Positive and Negative
Reading Near Full-Scale)
Linearity (Max. Deviation
From Best Straight Line Fit)
Common-Mode
Vcm = –1V, Vin =0V
Rejection Ratio
Full-Scale = 200.0mV
Noise (Pk-Pk Value Not
Vin = 0V
Exceeded 95% of Time)
Full-Scale = 200.0mV
Leakage Current at Input
Vin = 0V
1
10
pA
Zero Reading Drift
Vin = 0V, 0
o
C to 70
o
C0.2
1
µV/
o
C
Analog Common Voltage
25K
Ω Between
(With respect to V+)
Common and V+
Temp. Coeff. of Analog
25K
Ω Between
Common (With respect to V+) Common and V+
0
o
C m TA m 70
o
C
Low Battery Flag
V+ to V-
6.3
7.0
7.7
V
Test Pin Voltage
With respect to V+
4
5
6
V
LCD Segment Drive Voltage
V+ to V- = 9V
4
5
6
V
Backplane Drive Voltage
V+ to V- = 9V
4
5
6
V
Counts
+1
–0.2
-1
µV
µV/V
-1
–0.2
+1
Counts
50
V
50
75
ppm/
oC
Zero Input Reading
2.8
3
3.2
15
-Vin = +Vin
≈ 200.0mV
Full-Scale = 200.0mV
Unless otherwise noted, AME811 is specified at TA = 25
o
C, fclock = 48KHz. Supply voltage = 9V (V+ to V-)
n
n
n
n
n Electrical Characteristics


Similar Part No. - AME811

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8500 AME-AME8500 Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500 AME-AME8500 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEET AME-AME8500AEET Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500AEETAA15 AME-AME8500AEETAA15 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEETAA16 AME-AME8500AEETAA16 Datasheet
410Kb / 14P
   UProcessor Supervisory
More results

Similar Description - AME811

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136_V01 Datasheet
1Mb / 5P
   Low Power, 31?? Digit A/D Converter with Display Hold
2012
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
   31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
logo
Analog Microelectronics
AME7106 AME-AME7106 Datasheet
1Mb / 20P
   3-1/2 Digit A/D Converter High Accuracy, Low Power
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Microchip Technology
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
   3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com