Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS5015-682MLD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPS5015-682MLD
Description  Shielded Power Inductors ??LPS5015
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS5015-682MLD Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPS5015-682MLD Datasheet HTML 1Page - Coilcraft lnc. LPS5015-682MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2014
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors–LPS5015
Document 585-1
Document 585-1 Revised 08/01/13
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2 max3
typ4
10% 20% 30%
20°C 40°C
Part number1 ±20% (µH) (Ohms) (MHz) drop drop drop
rise rise
LPS5015-102MR_
1.0
0.050
183
3.6
3.8
3.9
1.90
2.65
LPS5015-132MR_
1.3
0.065
150
2.5
2.6
2.8
1.70
2.35
LPS5015-182MR_
1.8
0.075
128
2.6
2.8
2.9
1.50
2.15
LPS5015-222MR_
2.2
0.090
116
2.4
2.6
2.7
1.40
2.00
LPS5015-332MR_
3.3
0.125
88
1.9
2.0
2.0
1.30
1.80
LPS5015-472MR_
4.7
0.150
73
1.6
1.7
1.8
1.20
1.62
LPS5015-562MR_
5.6
0.175
67
1.6
1.6
1.6
1.10
1.45
LPS5015-682MR_
6.8
0.225
57
1.3
1.4
1.5
0.90
1.25
LPS5015-822MR_
8.2
0.280
49
1.3
1.3
1.4
0.85
1.05
LPS5015-103MR_
10
0.300
44
1.2
1.3
1.3
0.80
0.95
LPS5015-123MR_
12
0.350
40
1.0
1.1
1.2
0.75
0.84
LPS5015-153MR_
15
0.360
38
0.80
0.84
0.86
0.73
0.84
LPS5015-183MR_
18
0.550
35
0.75
0.77
0.80
0.70
0.83
LPS5015-223MR_
22
0.675
31
0.70
0.73
0.75
0.60
0.82
LPS5015-333MR_
33
0.750
24
0.55
0.59
0.60
0.50
0.70
LPS5015-473MR_
47
1.00
18
0.46
0.48
0.49
0.45
0.57
LPS5015-563MR_
56
1.13
17
0.40
0.43
0.45
0.40
0.52
LPS5015-683MR_
68
1.45
15
0.33
0.38
0.39
0.35
0.47
LPS5015-104MR_
100
1.95
12
0.30
0.33
0.34
0.30
0.42
LPS5015-124MR_
120
2.50
10
0.25
0.28
0.30
0.27
0.37
LPS5015-154MR_
150
3.40
9.3 0.23
0.25
0.26
0.25
0.33
LPS5015-224MR_
220
4.50
7.3 0.20
0.21
0.22
0.22
0.29
LPS5015-334MR_
330
7.40
5.7 0.15
0.17
0.18
0.17
0.22
LPS5015-474MR_
470
7.50
4.9 0.12
0.12
0.13
0.16
0.21
LPS5015-564MR_
560
8.50
4.3 0.10
0.11
0.12
0.14
0.190
LPS5015-684MR_
680
10.6
4.0 0.10
0.11
0.11
0.13
0.175
LPS5015-105MR_ 1000
15.0
3.2 0.080 0.090 0.093 0.10
0.150
LPS5015-155MR_ 1500
25.0
2.5 0.080 0.086 0.088 0.090 0.140
LPS5015-185MR_ 1800
28.0
2.2 0.078 0.083 0.086 0.085 0.130
LPS5015-225MR_ 2200
36.0
2.1 0.072 0.078 0.080 0.065 0.090
• Very low DCR; excellent current handling
• 5.0 × 5.0 mm footprint; less than 1.5 mm tall
Designer’s Kit C350 contains 3 each of all values
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over silver.
Other terminations available at additional cost.
Weight 102 – 107 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 1000/7
″ reel; 3500/13″ reel Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 1.57 mm pocket depth
Recommended pick and place nozzle OD: 5 mm; ID:
≤ 2.5 mm
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
1. Please specify
termination and packaging codes:
LPS5015-335MRC
Termination: R= RoHS compliant matte tin over nickel
over silver.
Special order, added cost:
Q = RoHS tin-silver-copper (95.5/4/0.5)
or
P = non-RoHS tin-lead (63/37).
Packaging: C= 7
″ machine-ready reel. EIA-481
embossed plastic tape 1000 parts
per full reel).
B= Less than full reel. In tape, but not
machine ready. To have a leader and
trailer added ($25 charge), use code
letter C instead.
D= 13
″ machine-ready reel. EIA-481
embossed plastic tape. Factory order
only, not stocked (3500 parts per full
reel).
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agi-
lent/HP 4192A.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 8753ES or equivalent.
5. DC current that causes the specified inductance drop
from its value without current.
6. Current that causes the specified temperature rise from
25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components”
before soldering.


Similar Part No. - LPS5015-682MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS5015-682ML COILCRAFT-LPS5015-682ML Datasheet
207Kb / 2P
   Shielded Power Inductors
LPS5015-682MLB COILCRAFT-LPS5015-682MLB Datasheet
251Kb / 2P
   Shielded Power Inductors LPS5015
More results

Similar Description - LPS5015-682MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPS5015-335MLC COILCRAFT-LPS5015-335MLC Datasheet
251Kb / 2P
   Shielded Power Inductors LPS5015
LPS5015-102MLB COILCRAFT-LPS5015-102MLB Datasheet
166Kb / 2P
   Shielded Power Inductors ??LPS5015
LPS5015-102MLB COILCRAFT-LPS5015-102MLB Datasheet
166Kb / 2P
   Shielded Power Inductors ??LPS5015
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com