Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W25Q64FVSSIG Datasheet(PDF) 51 Page - Winbond

Part # W25Q64FVSSIG
Description  3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q64FVSSIG Datasheet(HTML) 51 Page - Winbond

Back Button W25Q64FVSSIG Datasheet HTML 47Page - Winbond W25Q64FVSSIG Datasheet HTML 48Page - Winbond W25Q64FVSSIG Datasheet HTML 49Page - Winbond W25Q64FVSSIG Datasheet HTML 50Page - Winbond W25Q64FVSSIG Datasheet HTML 51Page - Winbond W25Q64FVSSIG Datasheet HTML 52Page - Winbond W25Q64FVSSIG Datasheet HTML 53Page - Winbond W25Q64FVSSIG Datasheet HTML 54Page - Winbond W25Q64FVSSIG Datasheet HTML 55Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 89 page
background image
W25Q64FV
Publication Release Date:
October 07, 2013
- 51 -
Revision L
6.2.26
Erase / Program Suspend (75h)
The Erase/Program Suspend instruction “75h”, allows the system to interrupt a Sector or Block Erase
operation or a Page Program operation and then read from or program/erase data to, any other sectors
or blocks. The Erase/Program Suspend instruction sequence is shown in Figure 25a & 25b.
The Write Status Register instruction (01h) and Erase instructions (20h, 52h, D8h, C7h, 60h, 44h) are not
allowed during Erase Suspend. Erase Suspend is valid only during the Sector or Block erase operation. If
written during the Chip Erase operation, the Erase Suspend instruction is ignored. The Write Status
Register instruction (01h) and Program instructions (02h, 32h, 42h) are not allowed during Program
Suspend. Program Suspend is valid only during the Page Program or Quad Page Program operation.
The Erase/Program Suspend instruction “75h” will be accepted by the device only if the SUS bit in the
Status Register equals to 0 and the BUSY bit equals to 1 while a Sector or Block Erase or a Page
Program operation is on-going. If the SUS bit equals to 1 or the BUSY bit equals to 0, the Suspend
instruction will be ignored by the device. A maximum of time of
“t
SUS” (See AC Characteristics) is required
to suspend the erase or program operation. The BUSY bit in the Status Register will be cleared from 1 to
0 within “t
SUS
and the SUS bit in the Status Register will be set from 0 to 1 immediately after
Erase/Program Suspend. For a previously resumed Erase/Program operation, it is also required that the
Suspend instruction “75h” is not issued earlier than a minimum of time of “t
SUS” following the preceding
Resume instruction “7Ah”.
Unexpected power off during the Erase/Program suspend state will reset the device and release the
suspend state. SUS bit in the Status Register will also reset to 0. The data within the page, sector or
block that was being suspended may become corrupted. It is recommended for the user to implement
system design techniques against the accidental power interruption and preserve data integrity during
erase/program suspend state.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (75h)
High Impedance
Mode 0
Mode 3
tSUS
Accept instructions
Figure 25a. Erase/Program Suspend Instruction (SPI Mode)


Similar Part No. - W25Q64FVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64FVSSIG WINBOND-W25Q64FVSSIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVSSIG WINBOND-W25Q64FVSSIG Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FVSSIG WINBOND-W25Q64FVSSIG Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
More results

Similar Description - W25Q64FVSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64JV-DTR WINBOND-W25Q64JV-DTR Datasheet
2Mb / 101P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI & DTR
March 27, 2018 Revision J
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64DW WINBOND-W25Q64DW_12 Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
logo
Shenzhen Huazhimei Semi...
HM25Q64A HMSEMI-HM25Q64A Datasheet
13Mb / 76P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
logo
Winbond
W25Q64FW WINBOND-W25Q64FW Datasheet
2Mb / 94P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
   3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVBIF-TR WINBOND-W25Q256FVBIF-TR Datasheet
1Mb / 108P
   3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com