Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPGT-2R300 Datasheet(PDF) 4 Page - World Produts Inc.

Part # WPGT-2R300
Description  Gas Discharge Tubes
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPGT-2R300 Datasheet(HTML) 4 Page - World Produts Inc.

  WPGT-2R300 Datasheet HTML 1Page - World Produts Inc. WPGT-2R300 Datasheet HTML 2Page - World Produts Inc. WPGT-2R300 Datasheet HTML 3Page - World Produts Inc. WPGT-2R300 Datasheet HTML 4Page - World Produts Inc. WPGT-2R300 Datasheet HTML 5Page - World Produts Inc. WPGT-2R300 Datasheet HTML 6Page - World Produts Inc. WPGT-2R300 Datasheet HTML 7Page - World Produts Inc. WPGT-2R300 Datasheet HTML 8Page - World Produts Inc. WPGT-2R300 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Gas DischarGe Tubes
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 13.9
2 | Gas Discharge Tubes
General Characteristics
Features
• ULRecognition.
• CULRecognition(specifictypes).
• CompliancetoMILSTD202G,method208Hand106.
• CanbeusedtomeettherequirementsofGR-1361andITUK.12.
• AQLbasedonMILSTD1916
• RoHsCompliantandHalogenFree.
Temperature Rating
Storage-40°Cto+150°C
Operate-40°Cto+90°C
100% Inspection
• DCBreakdown,insulationresistance,physicaldimensions,lead/weld
strength and appearance .
• Allothergastubecharacteristicsarecheckedusingtheappropriate
sampling procedures .
• ISO9001Certified.
• GasTubeshavenoradioactivecontent.
RoHS Compliance
WPGT Series Gas Discharge Tubes purchased from World Products, LLC
complytoamaximumconcentrationvalueof0.1%byweightinhomoge-
neousmaterialsforlead(Pb),mercury,hexavalentchromium,polybrominated
biphenyls (PBB) and polybrominated diphenyl ethers (PBDE) and of 0 .01%
weight in homogeneous materials for cadmium and are in compliance with
Directive2002/95/ECoftheEuropeanParliamentandoftheCouncilof27
January 2003 on the restriction of the use of certain hazardous substances
inelectricalandelectronicequipment(RoHSDirective).Failsafetypeswith
datecodeof10/05oraftercomplytoRoHSstandardsstatedabove.
Solderability
•Allthru-holetypescomplywithMILSTD202G,Method208H.
•Forsurfacemounttypesseebelow(J-STD-020C).
Terms and Definitions
DC Breakdown Voltage
Thevoltagemeasuredatarisetimeof100v/s.
Maximum Impulse Breakdown Voltage
Themaximumbreakdownvoltageatrisetimesof100v/usand1000v/usfor99%ofmeasuredvalues.
Maximum Impulse Discharge Current
Themaximumcurrentapplyingawaveformof8/20usthatcanbeappliedacrosstheterminalsofthegas
tubewithoutcausingthegastubetochangemorethan-20%,+30%fromitsinitialmeasuredDCbreakdown
voltage.Dwelltimebetweenpulsesis3minutes.
Alternating Discharge Current
RatedRMSvalueofACcurrentat50Hz,1sec.10times.Intervals:3min.DCbreakdownvoltagemaynot
changemorethan±25%fromitsinitialmeasuredDCbreakdownvoltage.IR>108 ohms(-20%,+30%for
70 – 90V) .
Impulse Life
Theminimumnumberofimpulsesofaspecifiedwaveformandpeakcurrentwhichagastubewillconduct
withoutcausingthegastubetochangemorethan±25%fromitsinitialmeasuredDCbreakdownvoltage.
Dwelltimebetweenpulsesis1-2minutes.
DC Holdover Voltage
ThemaximumDCvoltageacrossthetwoterminalsofthegastubeunderwhichitmaybeexpectedtoreturn
to the high impedance state after the gas tube breakdown .
Insulation Resistance
The resistance of the gas tube shall be measured each terminal to each other terminal .
DC Breakdown Voltage
Measuring Voltage
70-150V
151-400V
470-1000V
1001-2000V
2001-6000V
50V
100V
250V
500V
1000V
Capacitance
Thecapacitanceofagastubeshallbemeasuredeachterminaltoeachotherterminal.Testfrequency:
1MHzInmeasurementsinvolving3-electrodegastubes,theterminalnotbeingtestedshallbeconnected
to a ground plane .
Lead-Free Reflow Profile Recommendation (IPC/JEDEC
J-STD-020C
Reflow Parameter
Lead-Free Assembly
Minimum preheat temperature (TsMIN)
150°C
Maximum preheat temperature (TsMAX) 200°C
Preheat Time
60-180seconds
TsMAXtoTLramp-uprate
3°C/secondmaximum
TimeabovetemperatureTL(tL)
217°C60-120seconds
Peak Temperature (TP)
245°C~260°C(recommended250°C)
Time25°CtoTP
6 minute maximum
Timewithin5°ofPeakTP
10-20seconds
Ramp-downrate
4°C/secondmaximum
PREHEAT
TIME
t 25ºC TO PEAK
RAMP DOWN
RAMP UP
IR/Convection Reflow Profile (IPC/JEDEC J-STD-020C)
Tp
Tp
25
T
SMAX
T
SMIN


Similar Part No. - WPGT-2R300

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPGT-2R800B8LCTA WPI-WPGT-2R800B8LCTA Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM1000 WPI-WPGT-2RM1000 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM120 WPI-WPGT-2RM120 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM1200 WPI-WPGT-2RM1200 Datasheet
1Mb / 34P
   Gas Discharge Tubes
WPGT-2RM130 WPI-WPGT-2RM130 Datasheet
1Mb / 34P
   Gas Discharge Tubes
More results

Similar Description - WPGT-2R300

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com