Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXP1XGHL2C00020G Datasheet(PDF) 9 Page - OPLINK Communications Inc.

Part # TXP1XGHL2C00020G
Description  Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXP1XGHL2C00020G Datasheet(HTML) 9 Page - OPLINK Communications Inc.

  TXP1XGHL2C00020G Datasheet HTML 1Page - OPLINK Communications Inc. TXP1XGHL2C00020G Datasheet HTML 2Page - OPLINK Communications Inc. TXP1XGHL2C00020G Datasheet HTML 3Page - OPLINK Communications Inc. TXP1XGHL2C00020G Datasheet HTML 4Page - OPLINK Communications Inc. TXP1XGHL2C00020G Datasheet HTML 5Page - OPLINK Communications Inc. TXP1XGHL2C00020G Datasheet HTML 6Page - OPLINK Communications Inc. TXP1XGHL2C00020G Datasheet HTML 7Page - OPLINK Communications Inc. TXP1XGHL2C00020G Datasheet HTML 8Page - OPLINK Communications Inc. TXP1XGHL2C00020G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
21737-0959. Rev.07. 2010-05-11
TXP1XGHL2xx
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2010, Oplink Communications, Inc.
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TXP1XGHL2I00055G
-40°C to +85°C
Industrial
1533.47
195.5
55
80km
TXP1XGHL2I00054G
-40°C to +85°C
Industrial
1534.25
195.4
54
80km
TXP1XGHL2I00053G
-40°C to +85°C
Industrial
1535.04
195.3
53
80km
TXP1XGHL2I00052G
-40°C to +85°C
Industrial
1535.82
195.2
52
80km
TXP1XGHL2I00051G
-40°C to +85°C
Industrial
1536.61
195.1
51
80km
TXP1XGHL2I00050G
-40°C to +85°C
Industrial
1537.40
195.0
50
80km
TXP1XGHL2I00049G
-40°C to +85°C
Industrial
1538.19
194.9
49
80km
TXP1XGHL2I00048G
-40°C to +85°C
Industrial
1538.98
194.8
48
80km
TXP1XGHL2I00047G
-40°C to +85°C
Industrial
1539.77
194.7
47
80km
TXP1XGHL2I00046G
-40°C to +85°C
Industrial
1540.56
194.6
46
80km
TXP1XGHL2I00045G
-40°C to +85°C
Industrial
1541.35
194.5
45
80km
TXP1XGHL2I00044G
-40°C to +85°C
Industrial
1542.14
194.4
44
80km
TXP1XGHL2I00043G
-40°C to +85°C
Industrial
1542.94
194.3
43
80km
TXP1XGHL2I00042G
-40°C to +85°C
Industrial
1543.73
194.2
42
80km
TXP1XGHL2I00041G
-40°C to +85°C
Industrial
1544.53
194.1
41
80km
TXP1XGHL2I00040G
-40°C to +85°C
Industrial
1545.32
194.0
40
80km
TXP1XGHL2I00039G
-40°C to +85°C
Industrial
1546.12
193.9
39
80km
TXP1XGHL2I00038G
-40°C to +85°C
Industrial
1546.92
193.8
38
80km
TXP1XGHL2I00037G
-40°C to +85°C
Industrial
1547.72
193.7
37
80km
TXP1XGHL2I00036G
-40°C to +85°C
Industrial
1548.51
193.6
36
80km
TXP1XGHL2I00035G
-40°C to +85°C
Industrial
1549.32
193.5
35
80km
TXP1XGHL2I00034G
-40°C to +85°C
Industrial
1550.12
193.4
34
80km
TXP1XGHL2I00033G
-40°C to +85°C
Industrial
1550.92
193.3
33
80km
TXP1XGHL2I00032G
-40°C to +85°C
Industrial
1551.72
193.2
32
80km
TXP1XGHL2I00031G
-40°C to +85°C
Industrial
1552.52
193.1
31
80km
TXP1XGHL2I00030G
-40°C to +85°C
Industrial
1553.33
193.0
30
80km
TXP1XGHL2I00029G
-40°C to +85°C
Industrial
1554.13
192.9
29
80km
TXP1XGHL2I00028G
-40°C to +85°C
Industrial
1554.94
192.8
28
80km
TXP1XGHL2I00027G
-40°C to +85°C
Industrial
1555.75
192.7
27
80km
TXP1XGHL2I00026G
-40°C to +85°C
Industrial
1556.55
192.6
26
80km
TXP1XGHL2I00025G
-40°C to +85°C
Industrial
1557.36
192.5
25
80km
TXP1XGHL2I00024G
-40°C to +85°C
Industrial
1558.17
192.4
24
80km
TXP1XGHL2I00023G
-40°C to +85°C
Industrial
1558.98
192.3
23
80km
TXP1XGHL2I00022G
-40°C to +85°C
Industrial
1559.79
192.2
22
80km
TXP1XGHL2I00021G
-40°C to +85°C
Industrial
1560.61
192.1
21
80km
TXP1XGHL2I00020G
-40°C to +85°C
Industrial
1561.42
192.0
20
80km
TXP1XGHL2I00019G
-40°C to +85°C
Industrial
1562.23
191.9
19
80km
TXP1XGHL2I00018G
-40°C to +85°C
Industrial
1563.05
191.8
18
80km
TXP1XGHL2I00017G
-40°C to +85°C
Industrial
1563.86
191.7
17
80km


Similar Part No. - TXP1XGHL2C00020G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2C000E2G OPLINK-TXP1XGHL2C000E2G Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
More results

Similar Description - TXP1XGHL2C00020G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXP1XGGI2X-S0131 OPLINK-TXP1XGGI2X-S0131 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com