Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN9222S1Z-6-07HI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FN9222S1Z-6-07HI
Description  General Performance IEC Inlet Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN9222S1Z-6-07HI Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FN9222S1Z-6-07HI Datasheet HTML 1Page - List of Unclassifed Manufacturers FN9222S1Z-6-07HI Datasheet HTML 2Page - List of Unclassifed Manufacturers FN9222S1Z-6-07HI Datasheet HTML 3Page - List of Unclassifed Manufacturers FN9222S1Z-6-07HI Datasheet HTML 4Page - List of Unclassifed Manufacturers FN9222S1Z-6-07HI Datasheet HTML 5Page - List of Unclassifed Manufacturers FN9222S1Z-6-07HI Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Product selector
FN 9222xx-yy-..HI-zz
Snap-in range for S version only
Blank:
Snap-in range 0.7 to 1.5mm
20:
Snap-in range 1.5 to 2.2mm
Blank:
Standard IEC inlet type C14 (1 to 15A types), C20 (16 and 20A types)
HI:
Hot IEC inlet type C16 (12 and 15A types only)
06:
Faston 6.3 x 0.8mm (spade/soldering)
07:
Wire leads
1 to 20:
Rated current
Blank:
Standard version
R:
Bleed resistor
B:
Medical version (with bleed resistor and without Y2-capacitor)
Z:
Optional surge pulse protection with additional varistor (MOV)
(Z types have longer housings, only available for FN 9222UZ-yy-06)
Blank:
Standard housing with mounting flanges
U:
Housing with wider mounting flanges
S:
Snap-in version, snapper on vertical side (1 to 15A types only)
S1:
Snap-in version, snapper on horizontal side (1 to 15A types only)
For example: FN 9222-15-07, FN 9222S1B-10-06-20, FN 9222R-12-06HI, FN 9222UZ-15-06
Per CISPR 17; A = 50Ω/50Ω sym; B = 50Ω/50Ω asym; C = 0.1Ω/100Ω sym; D = 100Ω/0.1Ω sym
Typical filter attenuation
1 and 3A types
6 to 10A types
12 and 15A types
16 and 20A types
> Components > FN 9222


Similar Part No. - FN9222S1Z-6-07HI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9222-15-06 ETC2-FN9222-15-06 Datasheet
724Kb / 6P
   General Performance IEC Inlet Filter
logo
Schaffner International...
FN9222EX-1-06 SCHAFFNER-FN9222EX-1-06 Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
FN9222EX-10-06 SCHAFFNER-FN9222EX-10-06 Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
FN9222EX-12-06 SCHAFFNER-FN9222EX-12-06 Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
FN9222EX-12-06HI SCHAFFNER-FN9222EX-12-06HI Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
More results

Similar Description - FN9222S1Z-6-07HI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9222-15-06 ETC2-FN9222-15-06 Datasheet
724Kb / 6P
   General Performance IEC Inlet Filter
logo
Schaffner International...
FN-9246 SCHAFFNER-FN-9246 Datasheet
2Mb / 4P
   High Performance IEC Inlet Filter
logo
List of Unclassifed Man...
FN9246-16-06 ETC2-FN9246-16-06 Datasheet
217Kb / 4P
   High Performance IEC Inlet Filter
logo
Delta Electronics, Inc.
08KEEG3EAM DELTA-08KEEG3EAM Datasheet
80Kb / 1P
   HIGH PERFORMANCE IEC INLET FILTERS
logo
Schaffner International...
FN2660 SCHAFFNER-FN2660 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
27. Sep 2022
FN2640 SCHAFFNER-FN2640 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
logo
XP Power Limited
FASA XPPOWER-FASA Datasheet
633Kb / 3P
   IEC Inlet with Line Filter
logo
Schurter Inc.
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
logo
Delta Electronics, Inc.
08KENG3EAM-R DELTA-08KENG3EAM-R Datasheet
72Kb / 1P
   HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
logo
Schurter Inc.
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com