Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN9222SB-6-07HI Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FN9222SB-6-07HI
Description  General Performance IEC Inlet Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN9222SB-6-07HI Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FN9222SB-6-07HI Datasheet HTML 1Page - List of Unclassifed Manufacturers FN9222SB-6-07HI Datasheet HTML 2Page - List of Unclassifed Manufacturers FN9222SB-6-07HI Datasheet HTML 3Page - List of Unclassifed Manufacturers FN9222SB-6-07HI Datasheet HTML 4Page - List of Unclassifed Manufacturers FN9222SB-6-07HI Datasheet HTML 5Page - List of Unclassifed Manufacturers FN9222SB-6-07HI Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
*
For selecting the panel thickness, please refer to the filter selection table.
All dimensions in mm; 1 inch = 25.4mm
Tolerances according: ISO 2768-m / EN 22768-m
FN 9222
FN 9222U
FN 9222UZ FN 9222S
FN 9222S1
FN 9222-HI
1 to 8A
10 to 15A
16 and 20A
1 to 8A
10 to 15A
1 to 8A
10 to 15A
12 and 15A
Dimensions
A
48
48
53
51.85
51.85
29.9
29.9
29.9
29.9
48
B
22.5
22.5
30
25
25
22.4
22.4
22.4
22.4
22.5
C
40 ±0.2
40 ±0.2
42 ±0.2
40 ±0.2
40 ±0.2
40 ±0.2
D
38.4
38.4
66
38.25
46.8
38.4
38.4
38.4
38.4
38.4
E
27.8
27.8
34
27.8
27.8
27.8
27.8
27.8
27.8
27.8
F
5.5
5.5
4
5.5
5.5
5.5
5.5
5.5
5.5
5.5
G
20.1
20.1
26.5
20.1
20.1
20.1
20.1
20.1
20.1
20.1
H
Ø3.3
Ø3.3
Ø3.5
Ø3.3
Ø3.3
Ø3.3
I
14
14
14
14.1
14
14
14
14
14
14
J
13.3
13.3
13.3
13.3
13.3
13.3
13.3
13.3
13.3
13.3
M
R ≤ 3
R ≤ 3
R ≤ 3
R ≤ 3
R ≤ 3
R ≤ 1.5
R ≤ 1.5
R ≤ 1.5
R ≤ 1.5
R ≤ 3
N
21.5
21.5
27
21.5
21.5
20.8
20.8
21.9
21.9
21.5
P
28.5
28.5
34.7
28.5
28.5
29.4
29.4
28.5
28.5
28.5
R
M3
M3
M3
M3
M3
M3
S
90°
90°
90°
90°
90°
90°
T*
0.7 - 1.5
0.7 - 1.5
0.7 - 1.5
0.7 - 1.5
T*
1.5 - 2.2
1.5 - 2.2
1.5 - 2.2
1.5 - 2.2
X
AWG 18
AWG 16
AWG 18
AWG 16
AWG 18
AWG 16
AWG 16
Y
160
160
160
160
160
160
160
Z
6
6
6
6
6
6
6
Your local partner: To find your local partner within Schaffner’s global network, please go to www.schaffner.com
February 2009
> Components > FN 9222


Similar Part No. - FN9222SB-6-07HI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9222-15-06 ETC2-FN9222-15-06 Datasheet
724Kb / 6P
   General Performance IEC Inlet Filter
logo
Schaffner International...
FN9222EX-1-06 SCHAFFNER-FN9222EX-1-06 Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
FN9222EX-10-06 SCHAFFNER-FN9222EX-10-06 Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
FN9222EX-12-06 SCHAFFNER-FN9222EX-12-06 Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
FN9222EX-12-06HI SCHAFFNER-FN9222EX-12-06HI Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
More results

Similar Description - FN9222SB-6-07HI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9222-15-06 ETC2-FN9222-15-06 Datasheet
724Kb / 6P
   General Performance IEC Inlet Filter
logo
Schaffner International...
FN-9246 SCHAFFNER-FN-9246 Datasheet
2Mb / 4P
   High Performance IEC Inlet Filter
logo
List of Unclassifed Man...
FN9246-16-06 ETC2-FN9246-16-06 Datasheet
217Kb / 4P
   High Performance IEC Inlet Filter
logo
Delta Electronics, Inc.
08KEEG3EAM DELTA-08KEEG3EAM Datasheet
80Kb / 1P
   HIGH PERFORMANCE IEC INLET FILTERS
logo
Schaffner International...
FN2660 SCHAFFNER-FN2660 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
27. Sep 2022
FN2640 SCHAFFNER-FN2640 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
logo
XP Power Limited
FASA XPPOWER-FASA Datasheet
633Kb / 3P
   IEC Inlet with Line Filter
logo
Schurter Inc.
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
logo
Delta Electronics, Inc.
08KENG3EAM-R DELTA-08KENG3EAM-R Datasheet
72Kb / 1P
   HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
logo
Schurter Inc.
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com