Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXP1XGHL2C00031G Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TXP1XGHL2C00031G
Description  Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXP1XGHL2C00031G Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TXP1XGHL2C00031G Datasheet HTML 1Page - OPLINK Communications Inc. TXP1XGHL2C00031G Datasheet HTML 2Page - OPLINK Communications Inc. TXP1XGHL2C00031G Datasheet HTML 3Page - OPLINK Communications Inc. TXP1XGHL2C00031G Datasheet HTML 4Page - OPLINK Communications Inc. TXP1XGHL2C00031G Datasheet HTML 5Page - OPLINK Communications Inc. TXP1XGHL2C00031G Datasheet HTML 6Page - OPLINK Communications Inc. TXP1XGHL2C00031G Datasheet HTML 7Page - OPLINK Communications Inc. TXP1XGHL2C00031G Datasheet HTML 8Page - OPLINK Communications Inc. TXP1XGHL2C00031G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Oplink Communications, Inc
5
21737-0959. Rev.07. 2010-05-11
TXP1XGHL2xx
Application Notes
Electrical Interface: All signal interfaces are compliant with
the XFP MSA specification. The high speed DATA interface
is differential AC-coupled internally and can be directly
connected to a 3.3V SERDES IC.
RX_LOS: The Loss of Signal circuit monitors the level of the
incoming optical signal and generates a logic HIGH when an
insufficient photocurrent is produced.
TX_Dis: When the TX Disable pin is at logic HIGH, the
transmitter optical output is disabled. (less than -45dBm).
P_Down: The Power Down Function pin, when held High by
the host, places the module in the standby (Low Power) mode
with a maximum power dissipation of 1.5W. This protects
hosts which are not capable of cooling higher power modules
which may be accidentally inserted.The module’s 2-wire serial
interface and all laser safety functions must be fully functional
in this low power mode. During P_Down, the module shall still
support the completion of reset Interrupt, as well as maintain
functionality of the variable power supply.
Mod_NR: The Mod_NR is an output pin that when High,
indicates that the module has detected a condition that
renders transmitter and or receiver data invalid, shall consist
of logical OR of the following signals:
• Transmit Signal Conditioner Loss of Lock
• Transmitter Laser Fault
• Receiver Signal Conditioner Loss of Lock
Other conditions deemed valuable to the detection of fault
may be added to the Mod_NR. The Mod_NR output pin is
an open collector and must be pulled to Host_Vcc on the
host board.
P_Down/RST: The negative edge of Reset Function signal
initiates a complete module reset.
Module Behavior During P_Down and RST: During
execution of a reset (t_init) or while held in Power Down
mode, a module may be unable to determine the correct
value for Mod_NR and RX_LOS. These outputs as well as all
interrupt related flags, except completion of Reset flag, shall
be disregarded by the host. When the module completes
a Reset and is not in Power Down mode, the module must
represent the correct value of both signals on its outputs
before posting a completion of reset interrupt to the host.
At no time shall a module cause spurious assertion of the
Interrupt pin.When a host initially applies power to a module
with the P_Down/RST signal asserted, a module comes up in
power down mode.The module shall only assert the Interrupt
signal pin to inform the host it has completed a reset. The
completion of reset flag shall be the only interrupt source
flag set during power down mode. The host is expected to
clear this interrupt before releasing the module from the
power down mode. The transition from power down mode
to normal mode will trigger a reset of the module and result
in a 2nd module reset and a 2nd reset completion interrupt
to the host.
PowerSupplyandGrounding:The power supply line should
be well-filtered. All 0.1μF power supply bypass capacitors
should be as close to the transceiver module as possible.
Host Board Termination & Coupling
All caps are in units of µF
TD-
TD+
RD+
RD-
ASIC/
SerDes
CML
INPUTS
CML
OUTPUTS
+
0.1
10
+1.8V
+3.3V
+3.3V
+3.3V
SCL, SDA,
Mod_Abs, Mod_NR,
R
R
R
XFP
Interrupt, RX_LOS
20, 22
6
+
+5.0V
+
+3.3V
8, 9
1µH coil or
ferrite inductor
1µH coil or
ferrite inductor
1µH coil or
ferrite inductor
0.1
0.1100.1
0.1100.1


Similar Part No. - TXP1XGHL2C00031G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2C000E2G OPLINK-TXP1XGHL2C000E2G Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
More results

Similar Description - TXP1XGHL2C00031G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXP1XGGI2X-S0131 OPLINK-TXP1XGGI2X-S0131 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com