Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMK212BBJ105ML-T Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Part # AMK212BBJ105ML-T
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AMK212BBJ105ML-T Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  AMK212BBJ105ML-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AMK212BBJ105ML-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc AMK212BBJ105ML-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc AMK212BBJ105ML-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc AMK212BBJ105ML-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc AMK212BBJ105ML-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc AMK212BBJ105ML-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc AMK212BBJ105ML-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc AMK212BBJ105ML-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
6
11
mlcc01_e-01
REPRESENTATIVE PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
【Temperature Characteristic F:Y5V】
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK107 F104ZA
F/Y5V
0.1
+80/-20
7
0.8±0.1
R/W
200%
25V
TMK107 F474ZA
F/Y5V
0.47
+80/-20
7
0.8±0.1
R/W
200%
16V
EMK107 F224ZA
F/Y5V
0.22
+80/-20
7
0.8±0.1
R/W
200%
EMK107 F474ZA
F/Y5V
0.47
+80/-20
7
0.8±0.1
R/W
200%
EMK107 F105ZA
F/Y5V
1
+80/-20
16
0.8±0.1
R
200%
EMK107 F225ZA
F/Y5V
2.2
+80/-20
16
0.8±0.1
R
200%
10V
LMK107 F105ZA
F/Y5V
1
+80/-20
16
0.8±0.1
R
200%
LMK107 F225ZA
F/Y5V
2.2
+80/-20
16
0.8±0.1
R
200%
212TYPE
【Temperature Characteristic BJ:B/X5R】
・1.25mm thickness(G)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK212 BJ104□G
B/X5R*1
0.1
±10, ±20
3.5
1.25±0.1
R/W
200%
UMK212 BJ224□G
B/X5R*1
0.22
±10, ±20
3.5
1.25±0.1
R/W
150%
UMK212 BJ474□G
B/X5R*1
0.47
±10, ±20
3.5
1.25±0.1
R/W
150%
UMK212 BJ105□G
B/X5R
1
±10, ±20
5
1.25±0.1
R/W
150%
25V
TMK212 BJ225□G
B/X5R
2.2
±10, ±20
5
1.25±0.1
R
150%
TMK212 BJ475□G
TMK212ABJ475□G
X5R
4.7
±10, ±20
10
1.25+0.15/-0.05
R
150%
16V
EMK212 BJ225□G
B/X5R*1
2.2
±10, ±20
5
1.25±0.1
R
200%
EMK212 BJ475□G
EMK212ABJ475□G
B/X5R*1
4.7
±10, ±20
5
1.25+0.15/-0.05
R
150%
EMK212 BJ106□G
EMK212ABJ106□G
X5R
10
±10, ±20
10
1.25+0.15/-0.05
R
150%
10V
LMK212 BJ225□G
B/X5R*1
2.2
±10, ±20
5
1.25±0.1
R
200%
LMK212 BJ475□G
LMK212ABJ475□G
B/X5R*1
4.7
±10, ±20
5
1.25+0.15/-0.05
R
200%
LMK212 BJ106□G
LMK212ABJ106□G
X5R
10
±10, ±20
10
1.25+0.15/-0.05
R
200%
LMK212 BJ226MG
LMK212BBJ226MG
X5R
22
±20
10
1.25+0.2/-0
R
150%
6.3V
JMK212 BJ475□G
JMK212ABJ475□G
B/X5R
4.7
±10, ±20
5
1.25+0.15/-0.05
R
200%
JMK212 BJ106□G
JMK212ABJ106□G
X5R*1
10
±10, ±20
10
1.25+0.15/-0.05
R
200%
JMK212 BJ226MG
JMK212ABJ226MG
X5R
22
±20
10
1.25+0.15/-0.05
R
150%
JMK212 BJ476MG
JMK212BBJ476MG
X5R
47
±20
10
1.25+0.2/-0
R
150%
・0.85mm thickness(D)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
50V
UMK212 BJ105□D
UMK212ABJ105□D
X5R
1
±10, ±20
10
0.85±0.1
R
150%
D
25V
TMK212 BJ474□D
B/X5R
0.47
±10, ±20
3.5
0.85±0.1
R
200%
TMK212 BJ105□D
B/X5R
1
±10, ±20
5
0.85±0.1
R
200%
TMK212 BJ225□D
TMK212ABJ225□D
B/X5R
2.2
±10, ±20
5
0.85±0.1
R
150%
TMK212 BJ475□D
TMK212BBJ475□D
X5R
4.7
±10, ±20
10
0.85±0.1
R
150%
D
16V
EMK212 BJ105□D
B/X5R*1
1
±10, ±20
5
0.85±0.1
R
200%
EMK212 BJ225□D
EMK212ABJ225□D
B/X5R*1
2.2
±10, ±20
5
0.85±0.1
R
200%
EMK212 BJ475□D
B/X5R
4.7
±10, ±20
10
0.85±0.1
R
150%
EMK212 BJ106□D
EMK212ABJ106□D
X5R
10
±10, ±20
10
0.85±0.1
R
150%
D
10V
LMK212 BJ105□D
B/X5R*1
1
±10, ±20
3.5
0.85±0.1
R
200%
LMK212 BJ225□D
B/X5R*1
2.2
±10, ±20
5
0.85±0.1
R
200%
LMK212 BJ475□D
B/X5R
4.7
±10, ±20
10
0.85±0.1
R
200%
LMK212 BJ106□D
LMK212ABJ106□D
X5R
10
±10, ±20
10
0.85±0.1
R
150%
6.3V
JMK212 BJ475□D
X5R
4.7
±10, ±20
10
0.85±0.1
R
200%
JMK212 BJ106□D
JMK212ABJ106□D
X5R
10
±10, ±20
10
0.85±0.1
R
200%
JMK212 BJ226MD
JMK212ABJ226MD
X5R
22
±20
10
0.85±0.1
R
150%
・0.45mm thickness(K)
Rated
voltage
Part number 1
Part number 2
Temp.
char.
Capacitance
〔μF〕
Capacitance
tolerance
〔%〕
tanδ
〔%〕
Thickness
〔mm〕
Soldering
R:Reflow
W:Wave
HALT
Internal
code
(P/N 1)
Note
% Rated
voltage
10V
LMK212 BJ475□K
LMK212ABJ475□K
X5R
4.7
±10, ±20
10
0.45±0.05
R
150%
6.3V
JMK212 BJ475□K
JMK212ABJ475□K
X5R
4.7
±10, ±20
10
0.45±0.05
R
150%
JMK212 BJ106MK
JMK212ABJ106MK
X5R
10
±20
10
0.45±0.05
R
150%
Capacitance tolerance code is applied to □ of part number.
*1 We may provide X7R for some itemes according to the individual specification.


Similar Part No. - AMK212BBJ105ML-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
AMK212BBJ105KA-T TAIYO-YUDEN-AMK212BBJ105KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results

Similar Description - AMK212BBJ105ML-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com