Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH31CNR12M03L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH31CNR12M03L
Description  Chip Coils for Choke Wire Wound Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH31CNR12M03L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH31CNR12M03L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH31CNR12M03L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP COIL used for General Electronics equipment for your design.
2007.9.6
Coils/Inductors/Microchip Transformer > Chip Coils > for Choke Wire Wound Type
2.3
±0.2
1.6
±0.2
1.6
±0.2
3.2
±0.3
0.7min.
0.7min.
0.7min.
(in mm)
Chip Coils for Choke Wire Wound Type
LQH31C Series (1206 Size)
I Dimension
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
2000
K
330mm Embossed Tape
7500
I Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
DC Resistance
Self Resonance Frequency (min.)
LQH31CNR12M03p
0.12
µH±20%
1MHz
970mA
0.08ohm
±40%
250MHz
LQH31CNR22M03p
0.22
µH±20%
1MHz
850mA
0.1ohm
±40%
250MHz
LQH31CNR47M03p
0.47
µH±20%
1MHz
700mA
0.15ohm
±40%
180MHz
LQH31CN1R0M03p
1.0
µH±20%
1MHz
510mA
0.28ohm
±30%
100MHz
LQH31CN2R2M03p
2.2
µH±20%
1MHz
430mA
0.41ohm
±30%
50MHz
LQH31CN4R7M03p
4.7
µH±20%
1MHz
340mA
0.65ohm
±30%
31MHz
LQH31CN100K03p
10
µH±10%
1MHz
230mA
1.3ohm
±30%
20MHz
LQH31CN220K03p
22
µH±10%
1MHz
160mA
3.0ohm
±30%
14MHz
LQH31CN470K03p
47
µH±10%
1MHz
100mA
8.0ohm
±30%
10MHz
LQH31CN101K03p
100
µH±10%
1MHz
80mA
12ohm
±30%
7MHz
Operating Temperature Range: -40
°C to +85°C
Continued on the following page.


Similar Part No. - LQH31CNR12M03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH31CNR12M03L MURATA-LQH31CNR12M03L Datasheet
47Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke) LQH31C Series (1206 Size)
More results

Similar Description - LQH31CNR12M03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH43C MURATA-LQH43C Datasheet
54Kb / 2P
   Chip Coils for Choke Wire Wound Type
LQH55DN102M03L MURATA-LQH55DN102M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN1R0M03L MURATA-LQH55DN1R0M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQW18CN85NJ00D MURATA-LQW18CN85NJ00D Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH32CN220K23L MURATA-LQH32CN220K23L Datasheet
64Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH66S MURATA-LQH66S Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN1R0M03L MURATA-LQH43CN1R0M03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN680K03L MURATA-LQH43CN680K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH55DN100M03L MURATA-LQH55DN100M03L Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
LQH43CN100K03L MURATA-LQH43CN100K03L Datasheet
49Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com