Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10158CIN Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC10158CIN
Description  ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC10158CIN Datasheet(HTML) 2 Page - Texas Instruments

  ADC10158CIN Datasheet HTML 1Page - Texas Instruments ADC10158CIN Datasheet HTML 2Page - Texas Instruments ADC10158CIN Datasheet HTML 3Page - Texas Instruments ADC10158CIN Datasheet HTML 4Page - Texas Instruments ADC10158CIN Datasheet HTML 5Page - Texas Instruments ADC10158CIN Datasheet HTML 6Page - Texas Instruments ADC10158CIN Datasheet HTML 7Page - Texas Instruments ADC10158CIN Datasheet HTML 8Page - Texas Instruments ADC10158CIN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADC10154/ADC10158
10-Bit Plus Sign 4 µs ADCs with 4- or 8-Channel MUX,
Track/Hold and Reference
General Description
The ADC10154 and ADC10158 are CMOS 10-bit plus sign
successive approximation A/D converters with versatile ana-
log input multiplexers, track/hold function and a 2.5V
band-gap reference. The 4-channel or 8-channel multiplex-
ers can be software configured for single-ended, differential
or pseudo-differential modes of operation.
The input track/hold is implemented using a capacitive array
and sampled-data comparator.
Resolution can be programmed to be 8-bit, 8-bit plus sign,
10-bit or 10-bit plus sign. Lower-resolution conversions can
be performed faster.
The variable resolution output data word is read in two bytes,
and can be formatted left justified or right justified, high byte
first.
Applications
n
Process control
n
Instrumentation
n
Test equipment
Features
n
4- or 8- channel configurable multiplexer
n
Analog input track/hold function
n
0V to 5V analog input range with single +5V power
supply
n
−5V to +5V analog input voltage range with ±5V
supplies
n
Fully tested in unipolar (single +5V supply) and bipolar
(dual ±5V supplies) operation
n
Programmable resolution/speed and output data format
n
Ratiometric or Absolute voltage reference operation
n
No zero or full scale adjustment required
n
No missing codes over temperature
n
Easy microprocessor interface
Key Specifications
n
Resolution
10-bit plus sign
n
Integral linearity error
±1 LSB (max)
n
Unipolar power dissipation
33 mW (max)
n
Conversion time (10-bit + sign)
4.4 µs (max)
n
Conversion time (8-bit)
3.2 µs (max)
n
Sampling rate (10-bit + sign)
166 kHz
n
Sampling rate (8-bit)
207 kHz
n
Band-gap reference
2.5V ±2.0% (max)
ADC10158 Simplified Block Diagram
DS011225-1
November 1999
© 2001 National Semiconductor Corporation
DS011225
www.national.com


Similar Part No. - ADC10158CIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10158CIN NSC-ADC10158CIN Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
More results

Similar Description - ADC10158CIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10154 NSC-ADC10154 Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
logo
Cirrus Logic
CS5521 CIRRUS-CS5521_08 Datasheet
905Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
   16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
logo
Maxim Integrated Produc...
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11321 MAXIM-MAX11321 Datasheet
3Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 9/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
logo
Analog Devices
DAC02 AD-DAC02_15 Datasheet
1Mb / 5P
   10 BIT PLUS SIGN VOLTAGE OUTPUT
REV. C
logo
Maxim Integrated Produc...
MAX11335 MAXIM-MAX11335_V01 Datasheet
2Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com