Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10154CIWM Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC10154CIWM
Description  ADC10154/ADC10158 10-Bit Plus Sign 4 s ADCs with 4 or 8-Channel MUX,
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC10154CIWM Datasheet(HTML) 5 Page - Texas Instruments

  ADC10154CIWM Datasheet HTML 1Page - Texas Instruments ADC10154CIWM Datasheet HTML 2Page - Texas Instruments ADC10154CIWM Datasheet HTML 3Page - Texas Instruments ADC10154CIWM Datasheet HTML 4Page - Texas Instruments ADC10154CIWM Datasheet HTML 5Page - Texas Instruments ADC10154CIWM Datasheet HTML 6Page - Texas Instruments ADC10154CIWM Datasheet HTML 7Page - Texas Instruments ADC10154CIWM Datasheet HTML 8Page - Texas Instruments ADC10154CIWM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Electrical Characteristics (Continued)
The following specifications apply for V
+ =AV+ =DV+ = + 5.0 V
DC,VREF
+ = 5.000 V
DC,VREF
= GND, V= GND for unipolar
operation or V
= −5.0 V
DC for bipolar operation, and fCLK = 5.0 MHz unless otherwise specified. Boldface limits apply for TA
=T
J =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 8, 9, 12)
Symbol
Parameter
Conditions
Typical
(Note 10)
CIN and CIWM
Units
(Limit)
Suffixes
Limits
(Note 11)
BIPOLAR CONVERTER AND MULTIPLEXER STATIC CHARACTERISTICS
Bipolar Negative Full-Scale
V
REF
+ = 5.0V
Error with Positive-Full
±1.25
LSB (Max)
Scale Adjusted
Bipolar Offset Error
V
REF
+ = 5.0V
±2.5
LSB (Max)
Bipolar Total Unadjusted
V
REF
+ = 5.0V
±3
LSB (Max)
Error (Note 13)
Bipolar Power Supply
Sensitivity
Offset Error
V
+ = +5V ±10%
±0.5
±2.5
LSB (Max)
Full-Scale Error
V
REF
+ = 4.5V
±0.5
±1.5
LSB (Max)
Integral Linearity Error
±0.25
LSB
Offset Error
V
= −5V ±10%
±0.25
±0.75
LSB (Max)
Full-Scale Error
V
REF
+ = 4.5V
±0.25
±0.75
LSB (Max)
Integral Linearity Error
±0.25
LSB
UNIPOLAR AND BIPOLAR CONVERTER AND MULTIPLEXER STATIC CHARACTERISTICS
Missing Codes
0
DC Common Mode
V
IN
+ =V
IN
Error (Note 14)
= V
IN where
Bipolar
+5.0V
≥ V
IN ≥ −5.0V
±0.25
±0.75
LSB (Max)
Unipolar
+5.0V
≥ V
IN ≥ 0V
±0.25
±0.5
LSB (Max)
R
REF
Reference Input Resistance
7
4.5
k
Ω (Max)
9.5
k
Ω (Max)
C
REF
Reference Input Capacitance
70
pF
V
AI
Analog Input Voltage
(V
++0.05)
V (Max)
(V
−0.05)
V (Min)
C
AI
Analog Input Capacitance
30
pF
Off Channel Leakage
On Channel = 5V
−400
−1000
nA (Max)
Current
Off Channel = 0V
(Note 15)
On Channel = 0V
400
1000
nA (Max)
Off Channel = 5V
Electrical Characteristics
The following specifications apply for V
+ =AV+ =DV+ = + 5.0 V
DC,VREF
+ = 5.000 V
DC,VREF
= GND, V= GND for unipolar
operation or V
= −5.0 V
DC for bipolar operation, and fCLK = 5.0 MHz unless otherwise specified. Boldface limits apply for TA
=T
J =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Notes 8, 9, 12)
Symbol
Parameter
Conditions
Typical
Limits
(Note 11)
Units
(Limit)
(Note 10)
DYNAMIC CONVERTER AND MULTIPLEXER CHARACTERISTICS
S/(N+D)
Unipolar Signal-to-Noise+
f
IN = 10 kHz, VIN = 4.85 Vp–p
60
dB
Distortion Ratio
f
IN = 150 kHz, VIN = 4.85 Vp-p
58
dB
S/(N+D)
Bipolar Signal-to-Noise+
f
IN = 10 kHz, VIN = ±4.85V
60
dB
Distortion Ratio
f
IN = 150 kHz, VIN = ±4.85V
58
dB
www.national.com
4


Similar Part No. - ADC10154CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10154CIWM NSC-ADC10154CIWM Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
logo
Texas Instruments
ADC10154CIWM/NOPB TI1-ADC10154CIWM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   55.5 mW A/D Converter
More results

Similar Description - ADC10154CIWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10154 NSC-ADC10154 Datasheet
439Kb / 23P
   10-Bit Plus Sign 4 關s ADCs with 4- or 8-Channel MUX, Track/Hold and Reference
logo
Cirrus Logic
CS5521 CIRRUS-CS5521_08 Datasheet
905Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
CS5521 CIRRUS-CS5521 Datasheet
954Kb / 56P
   16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
CS5521 CIRRUS-CS5521_09 Datasheet
784Kb / 56P
   16-bit or 24-bit, 2/4/8-channel ADCs with PGIA
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
logo
Maxim Integrated Produc...
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11321 MAXIM-MAX11321 Datasheet
3Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 9/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
logo
Analog Devices
DAC02 AD-DAC02_15 Datasheet
1Mb / 5P
   10 BIT PLUS SIGN VOLTAGE OUTPUT
REV. C
logo
Maxim Integrated Produc...
MAX11335 MAXIM-MAX11335_V01 Datasheet
2Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com