Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXP1XGHL2E000E2G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TXP1XGHL2E000E2G
Description  Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXP1XGHL2E000E2G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TXP1XGHL2E000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TXP1XGHL2E000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TXP1XGHL2E000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TXP1XGHL2E000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TXP1XGHL2E000E2G Datasheet HTML 5Page - OPLINK Communications Inc. TXP1XGHL2E000E2G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S0125. Rev.03. 2011.03.25
2
Oplink Communications, Inc
Transmitter Performance Characteristics
TXP1XGHL2x
(Over Operating Case Temperature Range and
V
CC )
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
9.95
-
11.09
Gb/s
Average Optical Output Power (50% duty cycle)
P
O
- 1.0
-
+ 4.0
dBm
Transmitter OFF Power
P
OFF
-
-
- 45.0
dBm
Extinction Ratio
ER
8.2
-
-
dB
Center Wavelength
λ
C
1530
1550
1565
nm
Spectral Width (-20dB) 1
Δλ20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Relative Intensity Noise
RIN
-
-
- 130
dB/Hz
Reflectance Tolerance
ref
T
-
-
- 27
dB
Tx Jitter Generation (peak-to-peak) 2
JG
P-P
-
-
0.1
UI
Jitter Generation (RMS)
JG
RMS
-
-
0.01
UI
Dispersion Penalty 3
@ 9.95Gb/s (BER=10-12)
DP
-
-
2.5
dB
Optical Output Eye
Compliant with GR253-CORE, IEEE 803.3ae , and ITU-T G.693
1 Measured with OSA and 0.1nm resolution bandwidth.
2
Jitter generation is compliant with SONET OC-192 per GR-253 and OTU-2 per G.709.
3
Specified as the difference between the maximum receiver sensitivity and the worst case receiver sensitivity with 80km fiber.
Receiver Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
9.95
-
11.09
Gb/s
Wavelength of Operation
λ
1260
-
1570
nm
Receiver Sensitivity 1)
@ 9.95Gb/s
Pmin_BB
-
-
- 24.0
dBm
Maximum Input Optical Power (10-12 BER)
Pmax
- 7.0
-
-
dBm
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 27.0
dBm
Decreasing Light Input
Plos-
- 35.0
-
-
LOS Hysteresis
-
0.5
-
-
dB
Receiver Reflectance
-
-
-
- 27
dB
1
Specified at BER<10 -12
(Over Operating Case Temperature Range and
V
CC )


Similar Part No. - TXP1XGHL2E000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2E00017G OPLINK-TXP1XGHL2E00017G Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TXP1XGHL2E00018G OPLINK-TXP1XGHL2E00018G Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TXP1XGHL2E00019G OPLINK-TXP1XGHL2E00019G Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TXP1XGHL2E00020G OPLINK-TXP1XGHL2E00020G Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TXP1XGHL2E00021G OPLINK-TXP1XGHL2E00021G Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
More results

Similar Description - TXP1XGHL2E000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2XX-0959 OPLINK-TXP1XGHL2XX-0959 Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
TXP1XGGI2X-S0131 OPLINK-TXP1XGGI2X-S0131 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com