Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD1XGJERI00056G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TPD1XGJERI00056G
Description  DWDM 40km SFP Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPD1XGJERI00056G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TPD1XGJERI00056G Datasheet HTML 1Page - OPLINK Communications Inc. TPD1XGJERI00056G Datasheet HTML 2Page - OPLINK Communications Inc. TPD1XGJERI00056G Datasheet HTML 3Page - OPLINK Communications Inc. TPD1XGJERI00056G Datasheet HTML 4Page - OPLINK Communications Inc. TPD1XGJERI00056G Datasheet HTML 5Page - OPLINK Communications Inc. TPD1XGJERI00056G Datasheet HTML 6Page - OPLINK Communications Inc. TPD1XGJERI00056G Datasheet HTML 7Page - OPLINK Communications Inc. TPD1XGJERI00056G Datasheet HTML 8Page - OPLINK Communications Inc. TPD1XGJERI00056G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
An Oplink Company
S0217. Rev.01. 2010-12-06
Preliminary
Pb
Product Description
Features
Absolute Maximum Ratings
TPD1XGJERxx
The TPD1XGJERxx is an enhanced small form factor pluggable (SFP+) fiber
optic transceiver with digital diagnostics monitoring functionality (DDM).
Supporting Ethernet and Fiber Channel standards with dense wavelength
division multiplexing (DWDM) wavelength makes it ideally suited for high
capacity data-com and storage area network applications. DDM functionality
(alarm and warning features) is integrated into the design via an I2C serial
interface per the Multi-Source Agreement (MSA) SFF-8472, Rev. 10.4.
Each transceiver utilizes an electro absorption modulator integrated laser
(EML) with an operating wavelength with 100GHz (0.8nm) spacing per the
ITU-grid. The transceiver supports data rates ranging from 11.3Gbps down
to 8Gbps. It provides an excellent solution for data transmission at DWDM
wavelength over up to 40km single mode fiber. The low power consumption
and excellent EMI performance enable system design with high port density.
The product is RoHS compliant and is designed and tested in accordance
with industry safety standards. The transceiver is Class I Laser product per U.S.
FDA/CDRH and international IEC-60825 standards.
The TPD1XGJERxx transceiver connects to standard 20-pad SFP+ connectors
for hot plug capability. This allows the system designer to make configuration
changes or maintenance by simply plugging in different transceivers without
removing the power supply from the host system. The transmitter and
receiver DATA interfaces are internally AC-coupled. LV-TTLTransmitter Disable
control input and Loss of Signal (LOS) output interfaces are also provided. The
transceiver has bail-type latch, which offers an easy and convenient way to
release the modules.
The transceiver operates from a single +3.3V power supply over an operating
case temperature range of -5°C to +70°C (Commercial), or -5°C to +85°C
(Extended) or -40°C to +85°C (Industrial).
Temperature-stablized DWDM EML transmitter
Multi-rate for Ethernet & Fiber Channel
Transmission distance up to 40km (SM Fiber)
Low power consumption
Wide case operating temperature range
Compliant to SFP+ Electrical MSA SFF-8431
Compliant to SFP+ Mechanical MSA SFF-8432
Compliant to 10GBASE-E specifications
Digital Diagnostics Monitoring (DDM) through
Serial Interface comply with SFF-8472, Rev. 10.4
RoHS 6/6 Compliant
Laser Class 1 IEC/CDRH compliant
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature Range
T
ST
- 40
+ 85
°C
Operating Case Temperature 1
“Commercial”
T
OP
- 5
+ 70
°C
“Extended”
- 5
+ 85
“Industrial”
- 40
+ 85
Operating Relative Humidity 2
RH
0
85
%
Supply Voltage Range
V
CC
- 0.5
+ 3.6
V
1
Measured on top side of SFP+ module at the front center vent hole of the cage.
2
Non condensing
DWDM 40km SFP+ Transceivers


Similar Part No. - TPD1XGJERI00056G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGJERI00056G OPLINK-TPD1XGJERI00056G Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
More results

Similar Description - TPD1XGJERI00056G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPC1XGJERXG-S0218 OPLINK-TPC1XGJERXG-S0218 Datasheet
325Kb / 7P
   CWDM 40km SFP Transceivers
TPP7XGJERC000E2G OPLINK-TPP7XGJERC000E2G Datasheet
479Kb / 6P
   1550nm 40km SFP Transceivers
logo
MRV Communications, Inc...
SFP27DWLR08 MRV-SFP27DWLR08 Datasheet
94Kb / 5P
   DWDM Multirate SFP Transceivers
logo
Finisar Corporation.
FTLX3671DTC20 FINISAR-FTLX3671DTC20 Datasheet
505Kb / 13P
   Industrial Temperature DWDM 1.2G-11.3G, 40km SFP Transceiver
FTLX3671MTC20 FINISAR-FTLX3671MTC20 Datasheet
502Kb / 14P
   Industrial Temperature DWDM 10G Multi-Rate, 40km SFP Transceiver
logo
OPLINK Communications I...
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
logo
Optoway Technology Inc
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-D21G OPTOWAY-SPS-2341MW-D21G_11 Datasheet
201Kb / 7P
   40km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com