Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6401-20 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LTC6401-20
Description  2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC6401-20 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LTC6401-20 Datasheet HTML 7Page - Linear Integrated Systems LTC6401-20 Datasheet HTML 8Page - Linear Integrated Systems LTC6401-20 Datasheet HTML 9Page - Linear Integrated Systems LTC6401-20 Datasheet HTML 10Page - Linear Integrated Systems LTC6401-20 Datasheet HTML 11Page - Linear Integrated Systems LTC6401-20 Datasheet HTML 12Page - Linear Integrated Systems LTC6401-20 Datasheet HTML 13Page - Linear Integrated Systems LTC6401-20 Datasheet HTML 14Page - Linear Integrated Systems LTC6401-20 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC6401-14
11
640114f
FREQUENCY (MHz)
0
–40
–90
–80
–70
–60
–50
–100
–110
20 40 60 80 100 120 140 160 180
640114 F08
200
SINGLE-ENDED INPUT
FS = 122.8Msps
DRIVER VOUT = 2VP-P COMPOSITE
Figure 6. LTC6401-14 Modified 165MHz for Bandpass
Filtering (Three External Capacitors, One External Inductor)
only a few components as shown in Figure 6. Three
39pF capacitors and a 16nH inductor create a bandpass
filter with 165MHz center frequency, –3dB frequencies at
138MHz and 200MHz.
Figure 7. Single-Ended Input to LTC6401-14 and LTC2208
Figure 8. IMD3 for the Combination of LTC6401-14 and LTC2208
Output Common Mode Adjustment
The LTC6401-14’s output common mode voltage is set
by the VOCM pin, which is a high impedance input. The
output common mode voltage is capable of tracking VOCM
in a range from 1V to 1.6V. Bandwidth of VOCM control is
typically 14MHz, which is dominated by a low pass filter
connected to the VOCM pin and is aimed to reduce com-
mon mode noise generation at the outputs. The internal
common mode feedback loop has a –3dB bandwidth
around 400MHz, allowing fast rejection of any common
mode output voltage disturbance. The VOCM pin should
be tied to a DC bias voltage with a 0.1μF bypass capaci-
tor. When interfacing with 3V A/D converters such as the
LT22xx families, the VOCM pin can be connected to the
VCM pin of the ADC.
Driving A/D Converters
The LTC6401-14 has been specifically designed to interface
directly with high speed A/D converters. Figure 7 shows the
LTC6401-14 with single-ended input driving the LTC2208,
which is a 16-bit, 130Msps ADC. Two external 5Ω resistors
help eliminate potential resonance associated with bond
wires of either the ADC input or the driver output. VOCM
of the LTC6401-14 is connected to VCM of the LTC2208
at 1.25V. Alternatively, an input single-ended signal can
be converted to differential signal via a balun and fed to
the input of the LTC6401-14.
Figure 8 summarizes the IMD3 performance of the whole
system as shown in Figure 7.
APPLICATIONS INFORMATION
640114 F06
IN+
OUT–
IN–
OUT+
200
Ω
12.5
Ω
500
Ω
LTC6401-14
LTC2208
200
Ω
500
Ω
12.5
Ω
10
Ω
10
Ω
4.99
Ω
4.99
Ω
50
Ω
50
Ω
13
14
15
16
7
5
6
8
39pF
16nH
39pF
+OUT
+OUTF
–OUTF
–OUT
+IN
+IN
–IN
–IN
1.7pF
39pF
29
Ω
68.5
Ω
0.1
μF
0.1
μF
640114 F07
LTC6401-14
VOCM
ENABLE
LTC2208
4.99
Ω
0.1
μF
LTC2208 130Msps
16-Bit ADC
1.25V
4.99
Ω
8dB GAIN
+OUT
+OUTF
–OUTF
–OUT
AIN
AIN+
VCM
–IN
+IN
IF IN


Similar Part No. - LTC6401-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-20 LINER-LTC6401-20 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-20 LINER-LTC6401-20 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6401-20 LINER-LTC6401-20 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6401-20 LINER-LTC6401-20 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC
LTC6401-20 LINER-LTC6401-20 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6401-20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-14 LINER-LTC6401-14 Datasheet
226Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14_15 Datasheet
225Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8 Datasheet
225Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8_15 Datasheet
231Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-20 LINER-LTC6401-20 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-20 LINER-LTC6401-20_15 Datasheet
229Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com