Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6401-8 Datasheet(PDF) 5 Page - Linear Integrated Systems

Part # LTC6401-8
Description  2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC6401-8 Datasheet(HTML) 5 Page - Linear Integrated Systems

  LTC6401-8 Datasheet HTML 1Page - Linear Integrated Systems LTC6401-8 Datasheet HTML 2Page - Linear Integrated Systems LTC6401-8 Datasheet HTML 3Page - Linear Integrated Systems LTC6401-8 Datasheet HTML 4Page - Linear Integrated Systems LTC6401-8 Datasheet HTML 5Page - Linear Integrated Systems LTC6401-8 Datasheet HTML 6Page - Linear Integrated Systems LTC6401-8 Datasheet HTML 7Page - Linear Integrated Systems LTC6401-8 Datasheet HTML 8Page - Linear Integrated Systems LTC6401-8 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6401-14
5
640114f
AC ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Response
Gain 0.1dB Flatness
S21 Phase and Group Delay vs
Frequency
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
140MHz Input Signal
HD2,140M/
HD3,140M
Second/Third Order Harmonic Distortion VOUT = 2VP-P, RL = 200Ω
–79/–57
dBc
VOUT = 2VP-P, No RL
–87/–69
dBc
IMD3,140M
Third-Order Intermodulation
(f1 = 139.5MHz f2 = 140.5MHz)
VOUT = 2VP-P Composite, RL = 200Ω
–70
dBc
VOUT = 2VP-P Composite, No RL
–81
dBc
OIP3,140M
Equivalent Third-Order Output Intercept
Point (f1 = 139.5MHz f2 = 140.5MHz)
VOUT = 2VP-P Composite, No RL (Note 7)
44.5
dBm
P1dB,140M
1dB Compression Point
RL = 375Ω (Notes 5, 7)
17.7
dBm
NF140M
Noise Figure
RL = 375Ω (Note 5)
7.4
dB
eIN,140M
Input Referred Voltage Noise Density
Includes Resistors (Short Inputs)
2.5
nV/√⎯H⎯z
eON,140M
Output Referred Voltage Noise Density
Includes Resistors (Short Inputs)
12.5
nV/√⎯H⎯z
IMD3,130M/150M
Third-Order Intermodulation
(f1 = 130MHz f2 = 150MHz) Measure at
170MHz
VOUT = 2VP-P Composite, RL = 375Ω
–70
–61
dBc
Specifications are at TA = 25°C. V+ = 3V, V= 0V, VOCM = 1.25V,
⎯E⎯N⎯A⎯B⎯L⎯E = 0V, No RL unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Input pins (+IN, –IN) are protected by steering diodes to either
supply. If the inputs go beyond either supply rail, the input current should
be limited to less than 10mA.
Note 3: The LTC6401C and LTC6401I are guaranteed functional over the
operating temperature range of –40°C to 85°C.
Note 4: The LTC6401C is guaranteed to meet specified performance from
0°C to 70°C. It is designed, characterized and expected to meet specified
performance from –40°C to 85°C but is not tested or QA sampled at these
temperatures. The LTC6401I is guaranteed to meet specified performance
from –40°C to 85°C.
Note 5: Input and output baluns used. See Test Circuit A.
Note 6: Measured using Test Circuit B. RL = 87.5Ω per output.
Note 7: Since the LTC6401-14 is a feedback amplifier with low output
impedance, a resistive load is not required when driving an AD converter.
Therefore, typical output power is very small. In order to compare the
LTC6401-14 with amplifiers that require 50Ω output load, the LTC6401-14
output voltage swing driving a given RL is converted to OIP3 and P1dB as
if it were driving a 50Ω load. Using this modified convention, 2VP-P is by
definition equal to 10dBm, regardless of actual RL.
FREQUENCY (MHz)
0
0
–50
–100
–150
–200
0.8
0.6
0.4
0.2
0
200
400
600
800
1000
640114 G03
PHASE
GROUP DELAY
TEST CIRCUIT B
FREQUENCY (MHz)
10
100
1000
3000
20
18
16
14
10
8
6
4
2
0
12
640114 G01
TEST CIRCUIT B
FREQUENCY (MHz)
10
100
1000
3000
1.0
0.8
–0.8
0.6
–0.6
0.4
–0.4
0.2
–0.2
0
–1.0
640114 G02


Similar Part No. - LTC6401-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-8 LINER-LTC6401-8 Datasheet
225Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6401-8 LINER-LTC6401-8 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6401-8 LINER-LTC6401-8 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC
LTC6401-8 LINER-LTC6401-8 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6401-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-14 LINER-LTC6401-14 Datasheet
226Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14_15 Datasheet
225Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8 Datasheet
225Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-8 LINER-LTC6401-8_15 Datasheet
231Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-20 LINER-LTC6401-20 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6401-20 LINER-LTC6401-20_15 Datasheet
229Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com