Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXP1XGHL2X-S0125 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TXP1XGHL2X-S0125
Description  Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXP1XGHL2X-S0125 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TXP1XGHL2X-S0125 Datasheet HTML 1Page - OPLINK Communications Inc. TXP1XGHL2X-S0125 Datasheet HTML 2Page - OPLINK Communications Inc. TXP1XGHL2X-S0125 Datasheet HTML 3Page - OPLINK Communications Inc. TXP1XGHL2X-S0125 Datasheet HTML 4Page - OPLINK Communications Inc. TXP1XGHL2X-S0125 Datasheet HTML 5Page - OPLINK Communications Inc. TXP1XGHL2X-S0125 Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
An Oplink Company
S0125. Rev.03. 2011.03.25
TXP1XGHL2x
The TXP1XGHL2x XFP multi-rate fiber optic transceivers with digital diagnostics
monitoring functionality provide a quick and reliable interface for 10Gbps
applications. The diagnostic functions, alarm and warning features as described
in the XFP Multi-Source Agreement (MSA) are provided via standard I2C serial
interface. The transceivers are compliant with the XFP Multi-Source Agreement
and are designed to support SONET/SDH, 10G Ethernet, and 10G Fiber Channel
data rates from 9.95Gb/s to 11.09Gb/s.
Each transceiver utilizes an 1550nm electro-absorption modulated laser with an
APD receiver to support up to 80km 10G applications. The transceivers satisfy
Class I Laser Safety requirements in accordance with the U.S. FDA/CDRH and
international IEC-60825 standards.
Thetransceiversconnecttostandard30-padXFPconnectorsforhotplugcapability.
This allows the system designer to make configuration changes or maintenance
by simply plugging in different types of transceivers without removing the power
supply from the host system.
The transmitter and receiver DATA interfaces are AC-coupled Current Mode
Logic (CML). LV-TTL Transmitter Disable control input and Loss of Signal output
interfaces are also provided.
The transceivers operate from +1.8V, +3.3V and +5.0V power supplies over a
operating case temperature range of -5°C to +70°C (Commercial), -5°C to +85°C
(Extended), or -40°C to +85°C (Industrial).
Product Description
Lead Free Design & Fully RoHS Compliant
Compliant with XFP MSA
Compliant with OC-192/STM-64
Compliant with IEEE802.3ae
Compliant with ITU-T G.709
Support 10G Fiber Channel Applications
Digital Diagnostics Monitoring
Temperature-stabilized EML Transmitter
Low Power Consumption
Wide Case Operating Temperature Range
Transmission Distance up to 80km
Features
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature 1
Commercial
T
OP
- 5
+ 70
°C
Extended
- 5
+ 85
Industrial
- 40
+ 85
Supply Voltage
V
CC2
0
+ 2.0
V
V
CC3
- 0.2
+ 3.6
V
CC5
- 0.2
+ 6.0
Operating Relative Humidity 2
RH
0
85
%
Input Voltage
V
in
0
Vcc
V
1
Case temperature is measured on top side of XFP module.
2
Non condensing
Absolute Maximum Ratings
Pb
Multi-rate 10-Gigabit XFP 80km Transceivers
with Digital Diagnostics


Similar Part No. - TXP1XGHL2X-S0125

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2XX-0959 OPLINK-TXP1XGHL2XX-0959 Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
More results

Similar Description - TXP1XGHL2X-S0125

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2XX-0959 OPLINK-TXP1XGHL2XX-0959 Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
TXP1XGGI2X-S0131 OPLINK-TXP1XGGI2X-S0131 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
TRPEG1CLXC000E2 OPLINK-TRPEG1CLXC000E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com