Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C27 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BZX55C27
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BZX55C27 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BZX55C27 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C27 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C27 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C27 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C27 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WEJ
ELECTRONIC
CO.,LTD
Zener diode
Features
High reliability
Applications
Voltage stabilization
Construction
Silicon epitaxial planar
Absolute Maximum Ratings
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
I=4mm TL≤25℃
PV
500
mW
Z-current
IZ
PV/VZ
mA
Junction temperature
Tj
175
Storage temperature range
Tstg
-65~+175
Maximum Thermal Resistance
Tj=25℃
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
I=4mm TL=constant
RthJA
350
K/W
Electrical Characteristics
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.5
V
B
ZX55C2V0-BZX55C75
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BZX55C27

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C27 VISHAY-BZX55C27 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
SUNMATE electronic Co.,...
BZX55C27 SUNMATE-BZX55C27 Datasheet
1Mb / 2P
   500mW Axial Leaded Small Signal Zener Diodes
logo
Vishay Siliconix
BZX55C27 VISHAY-BZX55C27 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Yangzhou yangjie electr...
BZX55C27 YANGJIE-BZX55C27 Datasheet
196Kb / 5P
   Zener Diodes
logo
Shenzhen Luguang Electr...
BZX55C27 LUGUANG-BZX55C27 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C27

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com