Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPP1XGKZRXG-S0226 Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TPP1XGKZRXG-S0226
Description  1550nm 80km SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPP1XGKZRXG-S0226 Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TPP1XGKZRXG-S0226 Datasheet HTML 1Page - OPLINK Communications Inc. TPP1XGKZRXG-S0226 Datasheet HTML 2Page - OPLINK Communications Inc. TPP1XGKZRXG-S0226 Datasheet HTML 3Page - OPLINK Communications Inc. TPP1XGKZRXG-S0226 Datasheet HTML 4Page - OPLINK Communications Inc. TPP1XGKZRXG-S0226 Datasheet HTML 5Page - OPLINK Communications Inc. TPP1XGKZRXG-S0226 Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Oplink Communications, Inc
S0226. Rev.02. 2012-12-15
5
TPP1XGKZRxG
50 line
50 line
50 line
50 line
TD+
TD-
RD+
RD-
ASIC/
SerDes
+
4.7µH
0.1µF
22µF
0.1µF
+3.3V
+3.3V
+3.3V
SCL, SDA, MOD_ABS
TX_Fault
+3.3V
R
R
R
SFP+
VccR
RX_LOS
+
4.7µH
0.1µF
22µF
0.1µF
+3.3V
VccT
VeeT, VeeR
R: 4.7k to 10k
Interfacing the Transceivers
ESD & Electromagnetic Compatibility
Application Schematics Recommended electrical connections to transceiver are shown below.
Communication is via a serial 2-wire serial interface. As described in the document SFF-8472 (REV. 10.4) there are two distinct address spaces:
Requirements
Standard
Status
Electro Static Discharge to the Electrical Pins (ESD)
EIA/JESD22-A114-B
MIL-STD 883C Method 3015.7
Exceeds requirements
Class 1B (>1000V)
Immunity to ESD (housing, receptacle)
IEN 61000-4-2
Exceeds requirements
Discharges ranging from 2kV to 15kV
without damages to the transceiver
Electromagnetic Emission (EMI)
FCC Part 15, Class B
EN 55022 Class B
CISPR 22
Exceeds requirements Class B
Base Address A0(hex)
Byte Address
Content
0 – 95
Serial Transceiver ID as defined in SFP MSA
96 – 127
OPLINK Specific
128 – 255
Reserved
Base Address A2(hex)
Byte Address
Content
0 - 55
Alarm & Warnings thresholds & limits
56 - 95
External calibration constants (not used)
96 – 119
Values from real time diagnostic monitoring
120 – 127
Not used
128 – 247
Customer specific, writable area
248 - 255
Not used


Similar Part No. - TPP1XGKZRXG-S0226

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPP1XGDS0C000E2G OPLINK-TPP1XGDS0C000E2G Datasheet
265Kb / 6P
   850nm SFP Transceiver
TPP1XGDS0C000E2G OPLINK-TPP1XGDS0C000E2G Datasheet
265Kb / 6P
   Transceiver
TPP1XGDS0E000E2G OPLINK-TPP1XGDS0E000E2G Datasheet
265Kb / 6P
   850nm SFP Transceiver
TPP1XGDS0E000E2G OPLINK-TPP1XGDS0E000E2G Datasheet
265Kb / 6P
   Transceiver
TPP1XGDS0I000E2G OPLINK-TPP1XGDS0I000E2G Datasheet
265Kb / 6P
   850nm SFP Transceiver
More results

Similar Description - TPP1XGKZRXG-S0226

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
1184562P5-C ATGBICS-1184562P5-C Datasheet
265Kb / 8P
   1184562P5 AdTran Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
3FE25776AA-C ATGBICS-3FE25776AA-C Datasheet
265Kb / 8P
   3FE25776AA Alcatel Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
SFP-GIG-LH70-C ATGBICS-SFP-GIG-LH70-C Datasheet
265Kb / 8P
   SFP-GIG-LH70 Alcatel Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
NTTP07FFE6-C ATGBICS-NTTP07FFE6-C Datasheet
285Kb / 8P
   NTTP07FFE6 Ciena Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
SFP-GE-Z-C ATGBICS-SFP-GE-Z-C Datasheet
285Kb / 8P
   SFP-GE-Z Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
SFP-ZX-80-C ATGBICS-SFP-ZX-80-C Datasheet
286Kb / 8P
   SFP-ZX-80 Brocade Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
3HE00029CA-C ATGBICS-3HE00029CA-C Datasheet
265Kb / 8P
   3HE00029CA Alcatel Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
ALL4755-C ATGBICS-ALL4755-C Datasheet
285Kb / 8P
   ALL4755 Allnet Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
1184562PG5-C ATGBICS-1184562PG5-C Datasheet
265Kb / 8P
   1184562PG5 AdTran Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
CNXA205AA-C ATGBICS-CNXA205AA-C Datasheet
285Kb / 8P
   CNXA205AA Ciena Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com