Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C18S Datasheet(PDF) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BZT52C18S
Description  200mW SOD-323 SURFACE MOUNT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BZT52C18S Datasheet(HTML) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BZT52C18S Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZT52C18S Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZT52C18S Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZT52C18S Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
SOD-323 Package Outline
NOTES:
1. The above package outline is similar to JEITA SC-90.
2. Dimensions are exclusive of Burrs, Mold Flash & Tie Bar extrusions.
Fig.7 TYPICAL LEAKGE CURRENT
BZT52C2V4S-75S
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.,LTD


Similar Part No. - BZT52C18S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C18S DIODES-BZT52C18S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Shenzhen Yixinwei Techn...
BZT52C18S YIXIN-BZT52C18S Datasheet
260Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Microdiode Electronics ...
BZT52C18S CHENDA-BZT52C18S Datasheet
111Kb / 4P
   ZENER DIODE
logo
Sangdest Microelectroni...
BZT52C18S SMC-BZT52C18S Datasheet
139Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Micro Commercial Compon...
BZT52C18S MCC-BZT52C18S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
More results

Similar Description - BZT52C18S

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MM3Z2V4C YEASHIN-MM3Z2V4C Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
MMSZ5221BS YEASHIN-MMSZ5221BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
MM3ZXXVB YEASHIN-MM3ZXXVB Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
MM3Z2V4B YEASHIN-MM3Z2V4B Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
MM3ZXXVC YEASHIN-MM3ZXXVC Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
BAS216 WINNERJOIN-BAS216 Datasheet
127Kb / 2P
   200mW SOD-323 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
   200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
   200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
   200mW SOD-523 SURFACE MOUNT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com