Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3407 Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LTC3407
Description  Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3407 Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LTC3407 Datasheet HTML 6Page - Linear Integrated Systems LTC3407 Datasheet HTML 7Page - Linear Integrated Systems LTC3407 Datasheet HTML 8Page - Linear Integrated Systems LTC3407 Datasheet HTML 9Page - Linear Integrated Systems LTC3407 Datasheet HTML 10Page - Linear Integrated Systems LTC3407 Datasheet HTML 11Page - Linear Integrated Systems LTC3407 Datasheet HTML 12Page - Linear Integrated Systems LTC3407 Datasheet HTML 13Page - Linear Integrated Systems LTC3407 Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3407
10
3407fa
APPLICATIONS INFORMATION
V
OUT = 0.6V 1+
R2
R1
Keeping the current small (<5μA) in these resistors maxi-
mizes efficiency, but making them too small may allow
stray capacitance to cause noise problems and reduce the
phase margin of the error amp loop.
To improve the frequency response, a feed-forward capaci-
tor CF may also be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW line.
Power-On Reset
The POR pin is an open-drain output which pulls low when
either regulator is out of regulation. When both output volt-
ages are within ±8.5% of regulation, a timer is started which
releases POR after 218 clock cycles (about 175ms). This
delay can be significantly longer in Burst Mode operation
with low load currents, since the clock cycles only occur
during a burst and there could be milliseconds of time
between bursts. This can be bypassed by tying the POR
output to the MODE/SYNC input, to force pulse-skipping
mode during a reset. In addition, if the output voltage
faults during Burst Mode sleep, POR could have a slight
delay for an undervoltage output condition and may not
respond to an overvoltage output. This can be avoided by
using pulse-skipping mode instead. When either channel
is shut down, the POR output is pulled low, since one or
both of the channels are not in regulation.
Mode Selection & Frequency Synchronization
The MODE/SYNC pin is a multipurpose pin which provides
mode selection and frequency synchronization. Connect-
ing this pin to VIN enables Burst Mode operation, which
provides the best low current efficiency at the cost of a
higher output voltage ripple. When this pin is connected
to ground, pulse-skipping operation is selected which
provides the lowest output ripple, at the cost of low cur-
rent efficiency.
The LTC3407 can also be synchronized to another LTC3407
by the MODE/SYNC pin. During synchronization, the mode
is set to pulse-skipping and the top switch turn-on is syn-
chronized to the rising edge of the external clock.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to ΔILOAD • ESR, where ESR is the effective series
resistance of COUT. ΔILOAD also begins to charge or dis-
charge COUT generating a feedback error signal used by the
regulator to return VOUT to its steady-state value. During
this recovery time, VOUT can be monitored for overshoot
or ringing that would indicate a stability problem.
The initial output voltage step may not be within the
bandwidth of the feedback loop, so the standard second-
order overshoot/DC ratio cannot be used to determine
phase margin. In addition, a feed-forward capacitor, CF,
can be added to improve the high frequency response, as
shown in Figure 2. Capacitor CF provides phase lead by
creating a high frequency zero with R2 which improves
the phase margin.
The output voltage settling behavior is related to the stability
of the closed-loop system and will demonstrate the actual
overall supply performance. For a detailed explanation of
optimizing the compensation components, including a re-
view of control loop theory, refer to Application Note 76.
In some applications, a more severe transient can be caused
by switching in loads with large (>1μF) input capacitors.
The discharged input capacitors are effectively put in paral-
lel with COUT, causing a rapid drop in VOUT. No regulator
can deliver enough current to prevent this problem, if the
switch connecting the load has low resistance and is driven
quickly. The solution is to limit the turn-on speed of the
load switch driver. A Hot Swap™ controller is designed
specifically for this purpose and usually incorporates cur-
rent limiting, short-circuit protection, and soft-starting.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
Hot Swap is a trademark of Linear Technology Corporation.


Similar Part No. - LTC3407

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LTC3407 LINER-LTC3407 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3407 LINER-LTC3407 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
   1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com