Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D104 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # D104
Description  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

D104 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  D104 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD D104 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
T =25 ° C
PER BRIDGE ELEMENT
REVRESE VOLTAGE, (V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,(V)
V
1.0
0.1
1.0
p-p
f=1MHz
sig =50mV
10
T =25 ° C
j
100
0.4
0.01
0.8
0.6
1.2
1.0
140
10
100
1.6
1.4
1.8
REVERSE VOLTAGE, (%)
PERCENT OF RATED PEAK
60
0
20
40
0.01
120
80
100
j
1% Duty Cycle
Pulse Width=300uS
T =25 ° C
FIG.3-TYPICAL FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, ( ° C)
OUTPUT RECTIFIED CURRENT
FIG.1-DERATING CURVE FOR
0.1
j
PER BRIDGE ELEMENT
1.0
20
10
Single Phase
Half Wave 60Hz
Resistive or Inductive Load
0
0
0.2
0.4
40 50
25
100
75
1.0
0.6
0.8
1.2
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FORWARD SURGE CURRENT PER ELEMENT
0.1
1.0
T =125 ° C
PER BRIDGE ELEMENT
10
j
100
150
125
175
30
8
NUMBER OF CYCLES AT 60 Hz
2
0
1
6
4
1 Cycle
20
10
20
10
80
40
60
Single Half Sine-Wave
(JEDEC Method)
40
50
60
70
T =T
j
j max
DF005-DF10
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - D104

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D104 MPD-D104 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Seme LAB
D1040UK SEME-LAB-D1040UK Datasheet
166Kb / 5P
   METAL GATE RF SILICON FET
logo
G.M. International
D1045 GMI-D1045 Datasheet
368Kb / 4P
   Digital Output Loop / Bus Powered DIN-Rail Model D1045Y
D1045Y GMI-D1045Y Datasheet
368Kb / 4P
   Digital Output Loop / Bus Powered DIN-Rail Model D1045Y
D1045YB GMI-D1045YB Datasheet
368Kb / 4P
   Digital Output Loop / Bus Powered DIN-Rail Model D1045Y
More results

Similar Description - D104

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com