Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY48-CCUR Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATTINY48-CCUR
Description  Microcontroller with 4/8K Bytes In-System Programmable Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY48-CCUR Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATTINY48-CCUR Datasheet HTML 2Page - ATMEL Corporation ATTINY48-CCUR Datasheet HTML 3Page - ATMEL Corporation ATTINY48-CCUR Datasheet HTML 4Page - ATMEL Corporation ATTINY48-CCUR Datasheet HTML 5Page - ATMEL Corporation ATTINY48-CCUR Datasheet HTML 6Page - ATMEL Corporation ATTINY48-CCUR Datasheet HTML 7Page - ATMEL Corporation ATTINY48-CCUR Datasheet HTML 8Page - ATMEL Corporation ATTINY48-CCUR Datasheet HTML 9Page - ATMEL Corporation ATTINY48-CCUR Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
8008HS–AVR–04/11
ATtiny48/88
The ATtiny48/88 provides the following features:
• 4/8K bytes of In-System Programmable Flash
• 64/64 bytes EEPROM
• 256/512 bytes SRAM
• 24 general purpose I/O lines
– 28 in 32-lead TQFP, 32-pad QFN, and 32-ball UFBGA packages
• 32 general purpose working registers
• Two flexible Timer/Counters with compare modes
• Internal and external interrupts
• A byte-oriented, 2-wire serial interface
• An SPI serial port
• A 6-channel, 10-bit ADC
– 8 in 32-lead TQFP, 32-pad QFN, and 32-ball UFBGA packages
• A programmable Watchdog Timer with internal oscillator
• Three software selectable power saving modes.
The device includes the following modes for saving power:
• Idle mode: stops the CPU while allowing the timer/counter, ADC, analog comparator, SPI,
TWI, and interrupt system to continue functioning
• ADC Noise Reduction mode: minimizes switching noise during ADC conversions by stopping
the CPU and all I/O modules except the ADC
• Power-down mode: registers keep their contents and all chip functions are disabled until the
next interrupt or hardware reset
The device is manufactured using Atmel’s high density non-volatile memory technology. The
On-chip ISP Flash allows the program memory to be reprogrammed In-System through an SPI
serial interface, by a conventional non-volatile memory programmer, or by an on-chip boot pro-
gram running on the AVR core. The boot program can use any interface to download the
application program in the Flash memory. By combining an 8-bit RISC CPU with In-System Self-
Programmable Flash on a monolithic chip, the Atmel ATtiny48/88 is a powerful microcontroller
that provides a highly flexible and cost effective solution to many embedded control applications.
The ATtiny48/88 AVR is supported by a full suite of program and system development tools
including: C compilers, macro assemblers, program debugger/simulators and evaluation kits.
2.2
Comparison Between ATtiny48 and ATtiny88
The ATtiny48 and ATtiny88 differ only in memory sizes, as summarised in Table 2-1, below.
Table 2-1.
Memory Size Summary
Device
Flash
EEPROM
RAM
ATtiny48
4K Bytes
64 Bytes
256 Bytes
ATtiny88
8K Bytes
64 Bytes
512 Bytes


Similar Part No. - ATTINY48-CCUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny48-CCUR ATMEL-ATtiny48-CCUR Datasheet
937Kb / 26P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48-CCUR ATMEL-ATTINY48-CCUR Datasheet
8Mb / 302P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY48-CCUR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY88-MU ATMEL-ATTINY88-MU Datasheet
728Kb / 23P
   Microcontroller with 4/8K Bytes In-System Programmable Flash
ATMEGA48 ATMEL-ATMEGA48_10 Datasheet
1Mb / 19P
   Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_14 Datasheet
1Mb / 34P
   Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_10 Datasheet
937Kb / 26P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_1 Datasheet
6Mb / 266P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48 Datasheet
698Kb / 22P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY88-AU ATMEL-ATTINY88-AU Datasheet
8Mb / 302P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_09 Datasheet
728Kb / 23P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com