Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY48-AU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATTINY48-AU
Description  Microcontroller with 4/8K Bytes In-System Programmable Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY48-AU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATTINY48-AU Datasheet HTML 7Page - ATMEL Corporation ATTINY48-AU Datasheet HTML 8Page - ATMEL Corporation ATTINY48-AU Datasheet HTML 9Page - ATMEL Corporation ATTINY48-AU Datasheet HTML 10Page - ATMEL Corporation ATTINY48-AU Datasheet HTML 11Page - ATMEL Corporation ATTINY48-AU Datasheet HTML 12Page - ATMEL Corporation ATTINY48-AU Datasheet HTML 13Page - ATMEL Corporation ATTINY48-AU Datasheet HTML 14Page - ATMEL Corporation ATTINY48-AU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
8008HS–AVR–04/11
ATtiny48/88
Note:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses
should never be written.
2. I/O Registers within the address range 0x00
0x1F are directly bit-accessible using the SBI and CBI instructions. In these
registers, the value of single bits can be checked by using the SBIS and SBIC instructions.
3. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI
instructions will only operate on the specified bit, and can therefore be used on registers containing such Status Flags. The
CBI and SBI instructions work with registers 0x00 to 0x1F only.
4. When using the I/O specific commands IN and OUT, the I/O addresses 0x00
0x3F must be used. When addressing I/O
Registers as data space using LD and ST instructions, 0x20 must be added to these addresses. The ATtiny48/88 is a com-
plex microcontroller with more peripheral units than can be supported within the 64 location reserved in Opcode for the IN
and OUT instructions. For the Extended I/O space from 0x60
0xFF in SRAM, only the ST/STS/STD and LD/LDS/LDD
instructions can be used.
0x1A (0x3A)
Reserved
0x19 (0x39)
Reserved
0x18 (0x38)
Reserved
0x17 (0x37)
Reserved
0x16 (0x36)
TIFR1
–ICF1
OCF1B
OCF1A
TOV1
115
0x15 (0x35)
TIFR0
OCF0B
OCF0A
TOV0
87
0x14 (0x34)
Reserved
0x13 (0x33)
Reserved
0x12 (0x32)
PORTCR
BBMD
BBMC
BBMB
BBMA
PUDD
PUDC
PUDB
PUDA
77
0x11 (0x31)
Reserved
0x10 (0x30)
Reserved
0x0F (0x2F)
Reserved
0x0E (0x2E)
PORTA
PORTA3
PORTA2
PORTA1
PORTA0
78
0x0D (0x2D)
DDRA
DDA3
DDA2
DDA1
DDA0
78
0x0C (0x2C)
PINA
PINA3
PINA2
PINA1
PINA0
78
0x0B (0x2B)
PORTD
PORTD7
PORTD6
PORTD5
PORTD4
PORTD3
PORTD2
PORTD1
PORTD0
79
0x0A (0x2A)
DDRD
DDD7
DDD6
DDD5
DDD4
DDD3
DDD2
DDD1
DDD0
79
0x09 (0x29)
PIND
PIND7
PIND6
PIND5
PIND4
PIND3
PIND2
PIND1
PIND0
79
0x08 (0x28)
PORTC
PORTC7
PORTC6
PORTC5
PORTC4
PORTC3
PORTC2
PORTC1
PORTC0
78
0x07 (0x27)
DDRC
DDC7
DDC6
DDC5
DDC4
DDC3
DDC2
DDC1
DDC0
78
0x06 (0x26)
PINC
PINC7
PINC6
PINC5
PINC4
PINC3
PINC2
PINC1
PINC0
79
0x05 (0x25)
PORTB
PORTB7
PORTB6
PORTB5
PORTB4
PORTB3
PORTB2
PORTB1
PORTB0
78
0x04 (0x24)
DDRB
DDB7
DDB6
DDB5
DDB4
DDB3
DDB2
DDB1
DDB0
78
0x03 (0x23)
PINB
PINB7
PINB6
PINB5
PINB4
PINB3
PINB2
PINB1
PINB0
78
0x02 (0x22)
Reserved
0x01 (0x21)
Reserved
0x00 (0x20)
Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATTINY48-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY48-AU ATMEL-ATTINY48-AU Datasheet
698Kb / 22P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATtiny48-AU ATMEL-ATtiny48-AU Datasheet
6Mb / 266P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATtiny48-AU ATMEL-ATtiny48-AU Datasheet
937Kb / 26P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48-AU ATMEL-ATTINY48-AU Datasheet
8Mb / 302P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48-AU ATMEL-ATTINY48-AU Datasheet
728Kb / 23P
   Microcontroller with 4/8K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY48-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY88-MU ATMEL-ATTINY88-MU Datasheet
728Kb / 23P
   Microcontroller with 4/8K Bytes In-System Programmable Flash
ATMEGA48 ATMEL-ATMEGA48_10 Datasheet
1Mb / 19P
   Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25 ATMEL-ATTINY25_14 Datasheet
1Mb / 34P
   Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_10 Datasheet
937Kb / 26P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_1 Datasheet
6Mb / 266P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48 Datasheet
698Kb / 22P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY88-AU ATMEL-ATTINY88-AU Datasheet
8Mb / 302P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY48 ATMEL-ATTINY48_09 Datasheet
728Kb / 23P
   8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com